Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3660 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 3660
Description  Low Thermal EMF Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

3660 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  3660 Datasheet HTML 1Page - RHOPOINT COMPONENTS 3660 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
3602
x3650
4
x3660
2
Parameters
Test Conditions
Units
2 Form A
3 Form A
3 Form A
THERMAL EMF
OPTIONS
Measured after 5 minutes
at nominal coil voltage
Refer to Reed Relay
Technical Section for Details
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
350
2000
350
2000
350
2000
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
150
150
150
Switching Current
Max DC/Peak AC Resist.
Amps
0.25
0.25
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
5
5
5
Life Expectancy-Typical
1
Signal Level 1.0V, 1mA
x 10
6 Ops.
500
500
500
Static Contact Resistance
(max. init.)
50mV, 10mA
0.100
0.100
0.100
Dynamic Contact Resistance
(max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.200
0.200
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
Shield Floating
Shield Guarding
pF
pF
1.2
0.2
1.2
0.2
1.2
0.2
Contact to Shield
Contacts Open
Shield & Coil Tied Common
pF
pF
2.5
2.5
2.5
2.5
2.5
2.5
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1000
1500
250
1000
1500
250
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.75
0.75
0.75
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.1
0.1
0.1
3600 Series/Low Thermal EMF Reed Relays
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the
coil resistance are specified at 25°C.
These values vary by approximately 0.4%/°C
as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Notes:
1Consult factory for life expectancy at other switching loads.
2Model 3660: Reed switch between pins #9 & #10 is not low
thermal and is tied in common with the electrostatic shield.
3Consists of 20V Zener-diode and 1N4002 diode in series,
connected in parallel with coil.
4Model 3650: Reed switch between pins #7 & #8 is not low
thermal and is not tied in common with the electrostatic shield.
Pin numbers for reference only.


Similar Part No. - 3660

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3660 EBMPAPST-3660 Datasheet
423Kb / 1P
   TUBEAXIAL
logo
Festo Corporation.
3660 FESTO-3660 Datasheet
85Kb / 1P
   Pushbutton valve
logo
Heyco.
3660 HEYCO-3660 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Coto Technology
3660-05-52 COTO-3660-05-52 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
3660-05-72 COTO-3660-05-72 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
More results

Similar Description - 3660

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
   3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
   3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
   Low thermal EMF version
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
   Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com