Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189-001B11R Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189-001B11R
Description  Fiber Optic Backshell With Split Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189-001B11R Datasheet(HTML) 1 Page - Glenair, Inc.

  189-001B11R Datasheet HTML 1Page - Glenair, Inc. 189-001B11R Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
189-001
Fiber Optic Backshell With Split Clamp
MIL-PRF-28876 Environmental
APPLICATION NOTES
1. Assembly identified with manufacturer’s name and P/N,
space permitting.
2. Glenair 600 series Backshell assembly tools are recommended
for assembly and installation; assembly procedure see GAP014.
3. Material/ Finish:
Adapters, Jam Nut, Ferrule, Coupling Nut,
Split Elbows & Spacer- Al Alloy/ See Table I.
O-Rings- Floursilicone/ N.A.
Shrink Sleeving- Polyolefin/ N.A.
Spacer- Al Alloy/ See Table I.
4. MIL-I-23053/4 Shrink Sleeving, O-Ring and Spacer
to be packaged loose in a plastic bag.
5. Assemble O-Rings and Spacer onto connector
as shown.
6. Metric dimensions (mm) are indicated in parentheses.
Product Series
Basic Number
Finish Symbol
(Table II)
Shell Size
(Table I)
189-001 NF 13 S
Angular Function
S = Straight
R = 90°
P = 45°
M28876
Connector
End
Spacer
O-Ring
(See Note 5)
5.19 (131.8)
1.41 (35.8)
A Thread
Spacer
(See
Note 4)
O-Ring
(See Note 4)
B
O-Ring
3.0
(76.2)
Jam Nut
Split Clamp
(See Note 4)
D
C Cable Entry


Similar Part No. - 189-001B11R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-001 GLENAIR-189-001 Datasheet
376Kb / 2P
   Fiber Optic Backshell With Split Clamp
More results

Similar Description - 189-001B11R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-001 GLENAIR-189-001 Datasheet
376Kb / 2P
   Fiber Optic Backshell With Split Clamp
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
   Fiber-Optic Strain-Relief Backshell
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
189-055 GLENAIR-189-055 Datasheet
166Kb / 1P
   Single Channel Fiber Optic Connector Backshell
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
   Composite Fiber-Optic Strain-Relief Backshell
527296B2 GLENAIR-527296B2 Datasheet
120Kb / 1P
   Split Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com