Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STORM-433F Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # STORM-433F
Description  ?쁓TORM??RADIO MODEM RS232 / USB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

STORM-433F Datasheet(HTML) 6 Page - rfsolutions.ltd

  STORM-433F Datasheet HTML 1Page - rfsolutions.ltd STORM-433F Datasheet HTML 2Page - rfsolutions.ltd STORM-433F Datasheet HTML 3Page - rfsolutions.ltd STORM-433F Datasheet HTML 4Page - rfsolutions.ltd STORM-433F Datasheet HTML 5Page - rfsolutions.ltd STORM-433F Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
DS Storm-b May 08
©2008 Reg. No. 227 4001, ENGLAND
Page 6
‘STORM’ RADIO MODEM RS232 / USB
1.1
Technical Specifications
Absolute Maximum Ratings
Operating temperature:
-10
0 C to +70 0 C
Storage temperature:
-40
0 C to +100 0 C
Supply Voltage
11.1 to 25.6V
Data input
±15V (RS232 serial levels)
Electrical Characteristics
Min.
Typ.
Max.
Units
Notes
DC Levels
Supply voltage
11.1
12
25.6
V
1
Supply current (Transmit mode)
11
45
mA
Supply current (Receive mode)
12.5
mA
Supply current (Standby mode)
125
uA
RF
Working frequency
430.0
433.1
440.0
MHz
2
Receiver sensitivity
-100
dBm
Transmitter RF power out
+10
dBm
Frequency deviation
+/- 50
kHz
GFSK Manchester encoded data rate
100
kbps
Dynamic Timing
Power up to stable receiver data out
30
mS
Power up to full RF out
30
mS
Standby to Receive mode
1
mS
Standby to Transmit mode
1
mS
CTS timing
With a standard buffer size of 30 bytes, CTS is asserted 41uS after the buffer is full. In cases
where less than 20 bytes are sent CTS is asserted after a timeout of 10mS.
otes
1.
Supply voltage should have <10mV ripple.
2.
The application operating frequency must be chosen to comply with the Short Range
device regulation in the area of operation.
For more information or general enquiries, please contact
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
WEE Disposal: Products supplied from 15
th August 2005 that have reached the end of their life may be
returned at the customers cost to be processed within WEEE regulations. Please clearly labelled “WEEE”
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - STORM-433F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
STOR.EALU2 TOSHIBA-STOR.EALU2 Datasheet
541Kb / 2P
   STORE YOUR DATA WITH A SOLID AND STYLISH HARD DRIVE
logo
Huber+Suhner, Inc.
STORAGEBOX1UBK HUBERSUHNER-STORAGEBOX1UBK Datasheet
562Kb / 3P
   19" 1U Overlength Storage Box
logo
Toshiba Semiconductor
STOREALU2 TOSHIBA-STOREALU2 Datasheet
541Kb / 2P
   STORE YOUR DATA WITH A SOLID AND STYLISH HARD DRIVE
More results

Similar Description - STORM-433F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
Radiometrix Ltd
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
   LoRa RS232/RS485 Interface Data Radio Modem
logo
Radiometrix Ltd
M48 RADIOMETRIX-M48 Datasheet
427Kb / 12P
   M48 4800 baud RS232 Radio Modem application board
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
logo
PHOENIX CONTACT
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
   Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com