Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTAL1D227M8R Datasheet(PDF) 5 Page - Rohm

Part # TCTAL1D227M8R
Description  Chip tantalum capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTAL1D227M8R Datasheet(HTML) 5 Page - Rohm

  TCTAL1D227M8R Datasheet HTML 1Page - Rohm TCTAL1D227M8R Datasheet HTML 2Page - Rohm TCTAL1D227M8R Datasheet HTML 3Page - Rohm TCTAL1D227M8R Datasheet HTML 4Page - Rohm TCTAL1D227M8R Datasheet HTML 5Page - Rohm TCTAL1D227M8R Datasheet HTML 6Page - Rohm TCTAL1D227M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCT Series AL Case
Data Sheet
5/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.G
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TCT series
4.3
TCT AL 0J 686
68
6.3
4
8.0
20
35
25
4.0
20
+−
33
3.3
TCT AL 1A 336
10
6.3
13
15
30
20
4.0
20
+−
47
4.7
TCT AL 1A 476
10
6.3
13
20
35
25
4.0
20
+−
15
2.4
TCT AL 1C 156
16
10
20
15
30
20
4.0
20
+−
22
3.6
TCT AL 1C 226
16
10
20
20
35
25
4.0
20
+−
4.7
1.2
TCT AL 1E 475
25
16
32
15
30
20
8.0
20
+−
2.5
16.5
∗TCT AL 0E 337
330
1.6
3.3
80
30
40
2.5
20
+−
4
4.0
TCT AL 0G 107
100
2.5
5.2
35
20
25
3.0
20
+−
4
6.0
TCT AL 0G 157
150
2.5
5.2
35
20
25
2.7
20
+−
6.3
TCT AL 0J 107
100
6.3
4
8.0
18
34
24
3.0
20
+−
6.8
1.7
TCT AL 1E 685
25
16
32
15
30
20
8.0
20
+−
10
2.0
TCT AL 1D 106
20
13
26
15
30
20
8.0
20
+−
TCT AL 0G 227
20
220
4
2.5
5.2
20
35
25
2.5
20
+−
=Tolerance (M : ±20%)
∗ : Under development
2.5
5.5
TCT AL 0E 227
220
1.6
3.3
35
20
25
2.5
20
+−
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
current
25
°C
1WV.5min
(
µA)
Df
120Hz
(%)
Impedance
100kHz
−55°C
125
°C
25
°C
85
°C
(
Ω)
2.2
0.8
TCT AL 1V 225
35
22
45
15
30
20
8.0
20
+−
3.3
1.2
TCT AL 1V 335
35
22
45
15
30
20
8.0
20
+−


Similar Part No. - TCTAL1D227M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTAL1D476M8R ROHM-TCTAL1D476M8R Datasheet
179Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCTAL1D227M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com