Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-117-06-A-4 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 180-117-06-A-4
Description  4 Channel with Optional Dust Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-117-06-A-4 Datasheet(HTML) 2 Page - Glenair, Inc.

  180-117-06-A-4 Datasheet HTML 1Page - Glenair, Inc. 180-117-06-A-4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
APPLICATION NOTES
1. Assembly identified with manufacturer’s name and P/N,
Space Permitting.
2. Glenair 180-117 Connector Features:
A. Receptacle Shell, Removable Insert Cap, Jam Nut, Retainer,
Dust Cover- Al Alloy
B. Lanyard: Coated Stainless Steel Cable
C. Termini: See 181-050 (Page F-3)
D. Operating & Transit Temperature Range: -65°C to +160°C
Storage Temperature Range: -70°C to + 185°C
E. Misc. Hardware: Stainless Steel/Passivate
3. Metric dimensions (mm) are indicated in parentheses.
TABLE I:
TERMINI FERRULE I.D.
Dash
Sym
Ferrule I.D.
Max (mm) Min (mm)
A
.1270
.1260
B
.1280
.1270
C
.1430
.1420
D
.2340
.2300
W
No Termini Supplied
TABLE II:
INSERT CAP KEY
CONFIGURATION
Dash
No.
Configuration
1
1
2
2
3
3
4
U
TABLE III:
ALIGNMENT SLEEVE
CONFIGURATION
Dash
Sym
Configuration
M
Solid
S
Split
180-117
M83526/17 Style GFOCA Hermaphroditic
Fiber Optic Jam Nut Mount Receptacle Connector
4 Channel with Optional Dust Cover
TABLE IV:
DUST COVER
CONFIGURATION
Dash
Sym
Configuration
F
Female
N
None


Similar Part No. - 180-117-06-A-4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-116-01-A-1 GLENAIR-180-116-01-A-1 Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
180-116-01-A-1-M-H GLENAIR-180-116-01-A-1-M-H Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
180-116-01-A-2 GLENAIR-180-116-01-A-2 Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
180-116-01-A-3 GLENAIR-180-116-01-A-3 Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
180-116-01-A-4 GLENAIR-180-116-01-A-4 Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
More results

Similar Description - 180-117-06-A-4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-116-01-A-1-M-H GLENAIR-180-116-01-A-1-M-H Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
   Photointerrupter with Dust Cover
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
   SFP DUST COVER
logo
American Electronic Com...
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
   Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
   Dust Cover as standard
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
   Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
   Dust Cover as standard
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
   DUST COVER FEMALE D-SUB
DCM-XX ADAM-TECH-DCM-XX Datasheet
104Kb / 1P
   DUST COVER MALE D-SUB
logo
NorComp
850103M-DC NORCOMP-850103M-DC Datasheet
56Kb / 1P
   M5 SERIES-MALE DUST COVER
Rev.01 12-05-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com