Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK65221 Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK65221
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65221 Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK65221 Datasheet HTML 3Page - TOKO, Inc TK65221 Datasheet HTML 4Page - TOKO, Inc TK65221 Datasheet HTML 5Page - TOKO, Inc TK65221 Datasheet HTML 6Page - TOKO, Inc TK65221 Datasheet HTML 7Page - TOKO, Inc TK65221 Datasheet HTML 8Page - TOKO, Inc TK65221 Datasheet HTML 9Page - TOKO, Inc TK65221 Datasheet HTML 10Page - TOKO, Inc TK65221 Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADVANCED INFORMATION
January 1999 TOKO, Inc.
Page 7
TK652xx
TYPICAL PERFORMANCE CHARACTERISTICS
TK65221
OSCILLATOR FREQUENCY VS.
TEMPERATURE
-50
0
50
100
79
91
TEMPERATURE (
°C)
87
83
75
OUTPUT VOLTAGE VS.
LOAD CURRENT
IOUT (mA)
1
10
100
2.2
2.1
1.9
1.8
2.0
TA = 25 °C
L = 95 µH
TOKO P/N: A682AE-014
(3DF SERIES)
VIN = 0.9 V
1.3 V
1.1 V
1.6 V
OUTPUT VOLTAGE VS.
LOAD CURRENT
IOUT (mA)
1
10
100
2.2
2.1
1.9
1.8
2.0
TA = 25 °C
L = 100 µH
TOKO P/N: 636CY-101M
(D73F SERIES)
VIN = 0.9 V
1.3 V
1.1 V
1.6 V
OUTPUT VOLTAGE VS.
LOAD CURRENT
IOUT (mA)
1
10
100
2.2
2.1
1.9
1.8
2.0
TA = 25 °C
L = 39 µH
TOKO P/N: A636CY-390M
(D73 SERIES)
VIN = 0.9 V
1.3 V
1.6 V
1.1 V
EFFICIENCY VS. LOAD CURRENT
IOUT (mA)
0.1
1
10
100
80
75
70
65
60
50
TA = 25 °C
55
VIN = 0.9 V
1.1 V
1.3 V
L = 95 µF
TOKO P/N: A682AE-014
(3DF SERIES) SMALL COIL
1.6 V
EFFICIENCY VS. LOAD CURRENT
IOUT (mA)
0.1
1
10
100
85
80
75
70
65
55
60
TA = 25 °C
L = 100 µF
TOKO P/N: A636CY-101M
(D73 SERIES) LARGER COIL
VIN = 0.9 V
1.1 V
1.6 V
1.3 V
MAXIMUM OUTPUT CURRENT VS.
INDUCTOR VALUE
0
40
80
120
160
20
100
INDUCTOR VALUE (µH)
80
60
0
40
NO PULSE
SKIPPING
MODE
TA = 25 °C
VIN = 0.9 V
1.3
1.6 V
1.1 V
OUTPUT REGULATION VOLTAGE VS.
TEMPERATURE
TEMPERATURE (
°C)
-50
0
50
100
2.095
2.090
2.085
2.100
2.080
BATTERY CURRENT VS.
INPUT VOLTAGE
0.1
0.5
1.0
1.5
VIN (V)
200
120
160
80
40
0
TA = 25 °C
NO LOAD


Similar Part No. - TK65221

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65221

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com