Electronic Components Datasheet Search |
|
TK11230AMTL Datasheet(PDF) 3 Page - TOKO, Inc |
|
TK11230AMTL Datasheet(HTML) 3 Page - TOKO, Inc |
3 / 34 page Page 3 January, 1996 TOKO, Inc. 1-4-96 TK112xxA SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNITS I IN Quiescent Current I O = 0 mA, Except ICONT 170 350 µA I STBY Standby Current V IN = 8 V, at output off 0.1 µA VO Output Voltage IO = 30 mA 2.02 2.10 2.18 V V DROP Dropout Voltage I O = 60 mA 0.16 0.26 V I O = 150 mA 0.29 0.4 V IO Output Current VOUT = 1.8 V 180 240 mA I OR Recommended Output Current 150 mA Line Reg Line Regulation V IN = 3.1 V → 8.1 V 3.0 20 mV Load Reg Load Regulation I O = 5 mA → 60 mA (Note 1) 10 50 mV IO = 5 mA → 100 mA 20 100 mV I O = 5 mA → 150 mA 30 160 mV RR Ripple Rejection 100 mV(rms), I O = 10 mA 55 dB ∆V O/∆TA Output Voltage VIN = 3.5 V, IO = 10 mA 0.2 mV/ °C Temperature Dependency -20 °C ≤ T A ≤ + 75 °C V NO Output Noise Voltage 10 Hz < f < 80 kHz, 30 µV(rms) I O = 30 mA V REF Noise Bypass Terminal Voltage 1.25 V Control Terminal Specification I CONT Control Current Output on, V CONT = 1.8 V 12 30 µA V CONT Control Voltage Output on 1.8 V Output off 0.6 V t r Output Rise Time I O = 30 mA, 0.3 ms V CONT = 0 V → 1.8 V TK11221A ELECTRICAL CHARACTERISTICS Test conditions: TA = 25 °C, VIN = 3.1 V, CP = 0.1 µF, unless otherwise specified. Note 1: This is a pulse measurement where T J is constant. The output change due to temperature is not included. |
Similar Part No. - TK11230AMTL |
|
Similar Description - TK11230AMTL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |