Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231-104-23NF09 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 231-104-23NF09
Description  Jam Nut Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

231-104-23NF09 Datasheet(HTML) 1 Page - Glenair, Inc.

  231-104-23NF09 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-4
E
E
Dia
F
Recommended Panel Cut-Out
D
C
Insert arrangement, per
MIL-C-38999, Series l
MIL-STD-1560
J
H
.585
Ref
B
A Thread
Hole for .032 Dia
Safety Wire, 3 Equally
Spaced
.125
.150 Max
Panel
Accomodation
231-104-07
Jam Nut Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series I Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
MAX
C
HEX
D
FLATS
E DIA
±.005(0.1)
F +.000-.005
(0-0.1)
09
.688-24 UNEF
.573(14.6)
.875(22.2)
1.062(27.0)
.703(17.9)
.669(17.0)
11
.813-20 UNEF
.701(17.8)
1.000(25.4)
1.250(31.8)
.827(21.0)
.769(19.5)
13
1.000-20 UNEF
.851(21.6)
1.188(30.2)
1.375(34.9)
1.015(25.8)
.955(24.3)
15
1.125-18 UNEF
.976(24.8)
1.312(33.3)
1.500(38.1)
1.140(29.0)
1.084(27.5)
17
1.250-18 UNEF 1.101(28.0)
1.438(36.5)
1.625(41.3)
1.265(32.1)
1.208(30.7)
19
1.375-18 UNEF 1.208(30.7)
1.562(39.7)
1.812(46.0)
1.390(35.3)
1.333(33.9)
21
1.500-18 UNEF 1.333(33.9)
1.688(42.9)
1.938(49.2)
1.515(38.5)
1.459(37.1)
23
1.625-18 UNEF 1.458(37.0)
1.812(46.0)
2.062(52.4)
1.640(41.7)
1.580(40.1)
25
1.750-18 UNS 1.583(40.2)
2.000(50.8)
2.188(55.6)
1.765(44.8)
1.709(43.4)
APPLICATION NOTES
Power to a given contact on one end will result in power to contact
1.
directly opposite regardless of identification letter
Metric Dimensions (mm) are indicated in parentheses
2.
Material/finish:
3.
Shell, lockring, jam nut—Al alloy, See Table II Page D-5
Contacts—Copper alloy/gold plate
Insulators—High grade rigid dielectric/N.A.
Bayonet Pins—CRES/passivate
Seals—silicone/N.A.
Connector Series
231 - D38999 Series I Type
Contact Termination
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
Shell Size
09
11
13
15
17
19
21
23
25
231 - 104 - 07 M 11 - 35 P N - 01
Connector Type
104 - Env. Bulkhead Feed-Thru
Alternate Key
Position
A, B, C, D
(N = Normal)
Shell Style
07 - Jam Nut Mount
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Connector Material and Finish
M - Aluminum / Electroless Nickel
NC - Aluminum / Zinc-Cobalt
NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray)
ZN - Aluminum Zinc-Nickel Olive Drab
MT - Aluminum / Ni-PTFE 1000 Hour GreyTM
AL - Aluminum / Pure Electrodeposited Aluminum
Insert Arrangement
Per MIL-DTL-38999 Series I
MIL-STD-1560


Similar Part No. - 231-104-23NF09

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00AL GLENAIR-231-104-00AL Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00MT GLENAIR-231-104-00MT Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00NC GLENAIR-231-104-00NC Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results

Similar Description - 231-104-23NF09

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
233-104-07M09 GLENAIR-233-104-07M09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
231-104-09 GLENAIR-231-104-09 Datasheet
440Kb / 1P
   Jam Nut Mount Environmental Plug/Receptacle Bulkhead Feed-Thru
947-112B9B GLENAIR-947-112B9B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
947-045 GLENAIR-947-045 Datasheet
370Kb / 1P
   Bulkhead Feed-Thru, Jam Nut Mount
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com