Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-034-1-9PC Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-034-1-9PC
Description  Micro-D Filter Connectors Right Angle Printed Circuit Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-034-1-9PC Datasheet(HTML) 1 Page - Glenair, Inc.

  240-034-1-9PC Datasheet HTML 1Page - Glenair, Inc. 240-034-1-9PC Datasheet HTML 2Page - Glenair, Inc. 240-034-1-9PC Datasheet HTML 3Page - Glenair, Inc. 240-034-1-9PC Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-15
E-Mail: sales@glenair.com
F
HOW TO ORDER MICRO-D FILTERED RIGHT ANGLE PCB
Series
Shell Finish
Number of
Contacts
Contact
Type
Filter
Type
Filter
Class
Hardware Option
Tail
Length
240-034
1 – Cadmium
2 – Nickel
4 – Black
Anodize
5 – Gold
6 – Chem
Film
9
15
21
25
31
37
P
Pin
S
Socket
C
C Filter
P
Pi Filter
A
B
C
D
E
F
G
NN – No Jackpost, No Threaded Insert
PN – Jackpost, No Threaded Insert
NU – Threaded Insert Only, No Jackposts
PU – Jackpost and Threaded Insert
Rear Panel Jackposts
With Threaded Inserts
R6U – 0.125" (3.2) Panel
R5U – 0.094" (2.4) Panel
R4U – 0.062" (1.6) Panel
R3U – 0.047" (1.2) Panel
R2U – 0.031" (0.8) Panel
.080
.110
.125
.150
.190
.250
Length in
Inches
Sample Part Number
240-034
2
37
S
P
E
PU
.080
Micro-D Filter Connectors
Right Angle Printed Circuit Board
Right Angle Board Mount Filtered Micro-D's. These
connectors feature low-pass EMI filtering in a right
angle header for PCB termination.
Key Features include gold plated TwistPin contacts,
machined aluminum shells, and either Pi or C filter
elements. These environmentally sealed connectors are
designed to meet the requirements of MIL-DTL-83513.
.100" x .100" Board Spacing – These connectors are
similar to “CBR” style Micro-D's and share the same
board footprint, allowing retrofit to existing boards.


Similar Part No. - 240-034-1-9PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-9PCA GLENAIR-240-034-1-9PCA Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
More results

Similar Description - 240-034-1-9PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
GRPM GLENAIR-GRPM Datasheet
314Kb / 2P
   Micro-D GRPM-CBR Right Angle Rear Panel Mount Wide Flange Printed Circuit Board Connectors
Rev. 3.16.20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com