Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-033415PC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-033415PC
Description  Micro-D Filter Connectors Pin-Socket In-Line Filter Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-033415PC Datasheet(HTML) 2 Page - Glenair, Inc.

  240-033415PC Datasheet HTML 1Page - Glenair, Inc. 240-033415PC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-10
E-Mail: sales@glenair.com
DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J Max.
K Max.
In.
mm.
In.
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
± .004
mm.
± 0.10
In.
mm.
In.
± .004
mm.
± 0.10
In.
mm.
In.
mm.
9PS
.785
19.94
.565 14.35
.333
8.46
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
.333
8.46
.184
4.67
15PS
.935
23.75
.715 18.16
.483
12.27
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
.483 12.27
.184
4.67
21PS
1.085
27.56
.865 21.97
.633
16.08
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
.633 16.08
.184
4.67
25PS
1.185
30.01
.965 24.51
.733
18.62
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
.733 18.62
.184
4.67
31PS
1.335
33.91
1.115 28.32
.883
22.43
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
.883 22.43
.184
4.67
37PS
1.485
37.72
1.265 32.13
1.033
26.24
.250
6.35
.310
7.87
.195
4.95
1.400
35.56
.183
4.65
1.033 26.24
.184
4.67
Micro-D Filter Connectors
Pin-Socket In-Line Filter Adapters
SOCKET
PIN
A
B
C
J
D
K
E
#2-56 UNC THDS
F
H
G
MATERIALS AND FINISHES
Connector
Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, Passivated
See Ordering Info for Aluminum Plating Options.
Insulator
Liquid Crystal Polymer (LCP)
Seals
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper With 50 Microinches Gold
over Nickel Plating
Socket
Contact
Copper Alloy With 50 Microinches Gold Over
Nickel Plating
Hardware
300 Series Stainless Steel
PCB Terminals Gold-Plated Copper Alloy, Solder Dipped
Capacitors
Planar Ceramic Array
Inductors
Ferrite
EMI Ground
Spring
Beryllium Copper, Gold Plated
Encapsulant
Thermally Conductive Epoxy
PERFORMANCE SPECIFICATIONS
Current Rating
3 AMP
Dielectric Withstanding
Voltage
250 VDC
Working Voltage
100 VDC
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact
Resistance
32 Milliohms Maximum
Magnetic Permeability
2 μ Maximum
Operating Temperature -55° C. to +125° C.
Shock
50 g.
Vibration
20 g.
Mating Force
(10 Ounces) X (# of Contacts)
Capacitance and
Attenuation
(See Table on Preceding Page)


Similar Part No. - 240-033415PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
   Micro-D Pin-Socket In-Line Filter Adapters
240-033-1-15P GLENAIR-240-033-1-15P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-15S GLENAIR-240-033-1-15S Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-21P GLENAIR-240-033-1-21P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-033-1-21S GLENAIR-240-033-1-21S Datasheet
380Kb / 2P
   Micro-D Filter Connectors
More results

Similar Description - 240-033415PC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
   Micro-D Pin-Socket In-Line Filter Adapters
logo
List of Unclassifed Man...
MF609 ETC-MF609 Datasheet
120Kb / 12P
   The in-Line Micro filter
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com