Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEH70M680RJE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TEH70M680RJE
Description  70 Watt TO247 Package Thick Film Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH70M680RJE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TEH70M680RJE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
59
TEH Series
70 Watt TO247 Package
Thick Film Power
F E A T U R E S
• 70 Watt power rating at 25°C
case temperature
• Non-inductive performance
• Low thermal resistance
• RoHS compliant design
• Two or three terminal versions
available
• Heat sink can be grounded
through middle terminal (P style)
S P E C I F I C A T I O N S
Material
Resistor: thick film on alumina
Lead: solder coated phosphor
bronze
Solder: 100% Sn
Case: high temperature plastic
P Package: middle terminal is
electrically connected to header
and insulated from left and right
terminals
M Package: no middle terminal
Electrical
Derating: linear, 100% at 25°C to
0% at 150°C
Resistance range: 2Ω-10KΩ
Max. working voltage: 500V or
Ohm’s Law limited
Thermal Resistance: 1.79°C/W
Temperature Coefficient:
2Ω-10Ω: ±100ppm
10Ω-10KΩ: ±50ppm
Insulation Resistance: 400 MΩ
Short time overload: 2x rated
power for 5 sec., not to exceed
1.5x max. working voltage
Dielectric Strength: 2000 VDC
T E S T D A T A
Test
Conditions Of Test
Performance
Load life
1000 hrs @ rated power
±1% ΔR
Moisture resistance
MIL -STD-202, method 106
±0.5% ΔR
Short time overload
2x rated power for 5 sec., not to exceed
1.5x max. working voltage
±0.3% ΔR
Solderability
MIL-STD-202, method 208
Thermal shock
MIL-STD-202, method 170, cond. F
±0.2% ΔR
S T A N D A R D P A R T N U M B E R S F O R T E H S E R I E S
P-type
M-type
Ohms
3-terminal
2-terminal
2
TEH70P2R00JE
TEH70M2R00JE
3
TEH70P3R00JE
TEH70M3R00JE
4
TEH70P4R00JE
5
TEH70P5R00JE
TEH70M5R00JE
7.5
TEH70P7R50JE
TEH70M7R50JE
10
TEH70P10R0JE
TEH70M10R0JE
15
TEH70P15R0JE
TEH70M15R0JE
20
TEH70P20R0JE
24
TEH70P24R0JE
TEH70M24R0JE
33
TEH70M33R0JE
39
TEH70M39R0JE
47
TEH70P47R0JE
TEH70M47R0JE
68
TEH70P68R0JE
TEH70M68R0JE
75
TEH70M75R0JE
100
TEH70P100RJE
TEH70M100RJE
150
TEH70P150RJE
TEH70M150RJE
270
TEH70P270RJE
TEH70M270RJE
470
TEH70P470RJE
TEH70M470RJE
680
TEH70M680RJE
750
TEH70P750RJE
TEH70M750RJE
1000
TEH70P1K00JE
TEH70M1K00JE
1500
TEH70P1K50JE
TEH70M1K50JE
2000
TEH70P2K00JE
TEH70M2K00JE
3000
TEH70M3K00JE
5000
TEH70P5K00JE
TEH70M5K00JE
7500
TEH70P7K50JE
10000
TEH70M10K0JE
0.63"
(15.90mm)
0.83"
(21.08mm)
0.25"
(6.24mm)
ø0.15"
(ø3.84mm)
0.80"
(20.32mm)
0.08"
(2.03mm)
0.05"
(1.22mm)
0.12"
(2.97mm)
max.
Connected to
heatsink for
grounding
0.43"
(10.82mm)
0.20"
(5.08mm)
0.09"
(2.29mm)
0.21"
(5.41mm)
P style
(standard)
M style
(optional)
0.025"
(0.64mm)
70
56
42
28
14
0
100
Ambient Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
D E R A T I N G
O R D E R I N G I N F O R M A T I O N
� � � � � � � � � � � �
Series
Tolerance
J = 5%
Package Code
P = three terminals
M = two terminals
Ohms
R = Decimal
Example:
10R2 = 10.2 ohms
100R = 100 ohms
15K0 = 15,000 ohms
RoHS Compliant
Non-compliant
version unavailble
Check product availability
using the Worldwide Inventory
Search at ohmite.com
Check product availability at
www.ohmite.com


Similar Part No. - TEH70M680RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH70M680RJE OHMITE-TEH70M680RJE Datasheet
331Kb / 2P
   Low thermal resistance
More results

Similar Description - TEH70M680RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH70 OHMITE-TEH70 Datasheet
331Kb / 2P
   70 Watt TO247 Package
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
TDH35PR100JE OHMITE-TDH35PR100JE Datasheet
160Kb / 1P
   35 Watt DPAK Package Thick Film Power Surface Mount
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Vishay Siliconix
LTO30 VISHAY-LTO30 Datasheet
78Kb / 4P
   30 Watt Power Resistor Thick Film Technology
Revision 30-May-06
logo
Ohmite Mfg. Co.
TGHHVR100JE OHMITE-TGHHVR100JE Datasheet
162Kb / 1P
   120 and 200 Watt SOT227Package Thick Film Power
TGH OHMITE-TGH Datasheet
429Kb / 2P
   120 and 200 Watt SOT227Package Thick Film Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com