Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

233-105-07XMT17L Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-105-07XMT17L
Description  Jam Nut Environmental Receptacle Connnector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-105-07XMT17L Datasheet(HTML) 1 Page - Glenair, Inc.

  233-105-07XMT17L Datasheet HTML 1Page - Glenair, Inc. 233-105-07XMT17L Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
APPLICATION NOTES
1. Material/ Finishes:
Shells, Jam Nut - See Table II
(Composite Jam Nut No Plating Required).
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part number
and date code space permitting.
3. Modified major diameter 1.252-1.257 (31.80-31.95).
4. Insert arrangement in accordance with MIL-STD-1560.
5. Insert arrangement shown is for reference only.
6. Blue Color Band indicates rear release retention system.
7. 16# AWG contact arrangements only. See available
arrangements opposite page.
8. Metric dimensions (mm) are in parentheses.
233-105-07
MIL-DTL-38999 Series III Type
Jam Nut Environmental Receptacle Connnector
Red Color Band
.520 Max
Yellow Color Band
Master
Keyway
See Notes 4 and 5
See Note 2
.579
.555
(14.7)
(14.1)
1.280 (32.5)
Max
.890 (22.6) Max
V Flat
2X U
T
P Thread
Fully Mated
Indicator Band Red
W Thread
Y Thread
Z
Blue Color Band
(See Note 6)
Panel Thickness .126-.062 (3.2 - 1.6)
o
Consult factory for available insert arrangements.
Basic Part Number
233-105 - D38999 Series III Type
Power and Signal Connector
Alternate Key
Position
A, B, C, D, or E
(
N for Normal)
Contact Type
(See Table I)
233-105 - 07 XM 21 - 11
S N
Shell Style
07 - Receptacle, Jam Nut
Finish Material
(See Table II)
Insert Arrangement
per MIL-STD-1560
and JSFD08
Shell Size
09
11
13
13L
15
15L
17
17L
19
19L
21
21L
23
23L
25
25C
25L
25Q


Similar Part No. - 233-105-07XMT17L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-07 GLENAIR-233-105-07 Datasheet
184Kb / 2P
   Jam Nut Environmental Receptacle Connnector
More results

Similar Description - 233-105-07XMT17L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-07 GLENAIR-233-105-07 Datasheet
184Kb / 2P
   Jam Nut Environmental Receptacle Connnector
220-04 GLENAIR-220-04 Datasheet
111Kb / 2P
   High-Pressure Environmental/Hermetic Jam Nut Receptacle
220-07 GLENAIR-220-07 Datasheet
120Kb / 2P
   High-Pressure Environmental/Hermetic Jam Nut
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-09 GLENAIR-231-104-09 Datasheet
440Kb / 1P
   Jam Nut Mount Environmental Plug/Receptacle Bulkhead Feed-Thru
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
   Jam Nut Receptacle
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-264JM16-26PSPY GLENAIR-240-264JM16-26PSPY Datasheet
366Kb / 2P
   Jam Nut Receptacle
240-382JH215-35 GLENAIR-240-382JH215-35 Datasheet
350Kb / 2P
   Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com