Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-381JZN15-35PS Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-381JZN15-35PS
Description  Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-381JZN15-35PS Datasheet(HTML) 2 Page - Glenair, Inc.

  240-381JZN15-35PS Datasheet HTML 1Page - Glenair, Inc. 240-381JZN15-35PS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-9
B
DIMENSIONS
SHELL
SIZE
A
B
C THREAD
CLASS 2A
UNEF PLATED
D THREAD
CLASS 2A
UNEF PLATED
E
DIA
F
G
DIA
H
9
.855 (21.7)
.645 (16.4)
1.078 (27.4)
1.046 (26.6)
.6875-24
.4375-28
1.188 (30.2)
.670 (17.0)
.661 (16.8)
.709 (18.0)
.700 (17.8)
.120 (3.0)
.100 (2.5)
11
.755 (19.2)
.745 (18.9)
1.266 (32.2)
1.234 (31.3)
.8125-20
.5625-24
1.375 (34.9)
.771 (19.6)
.762 (19.4)
.834 (21.2)
.825 (21.0)
.120 (3.0)
.100 (2.5)
13
.942 (23.9)
.932 (23.7)
1.391 (35.3)
1.359 (34.5)
1.0000-20
.8875-24
1.500 (38.1)
.955 (24.3)
.946 (24.0)
1.019 (25.9)
1.010 (25.7)
.120 (3.0)
.100 (2.5)
15
1.066 (27.1)
1.056 (26.8)
1.516 (38.5)
1.484 (37.7)
1.1250-18
.8125-20
1.625 (41.3)
1.085 (27.6)
1.076 (27.3)
1.144 (29.1)
1.135 (28.8)
.120 (3.0)
.100 (2.5)
17
1.191 (30.3)
1.181 (30.0)
1.641 (41.7)
1.609 (40.9)
1.2500-18
.9375-20
1.750 (44.5)
1.210 (30.7)
1.201 (30.5)
1.269 (32.2)
1.260 (32.0)
.120 (3.0)
.100 (2.5)
19
1.316 (33.4)
1.306 (33.2)
1.828 (46.4)
1.796 (45.6)
1.3750-18
1.0625-18
1.938 (49.2)
1.335 (33.9)
1.326 (33.7)
1.394 (35.4)
1.385 (35.2)
.151 (3.8)
.130 (3.3)
21
1.441 (36.6)
1.431 (36.3)
1.954 (49.6)
1.922 (48.8)
1.5000-18
1.1875-18
2.062 (52.4)
1.460 (37.1)
1.451 (36.9)
1.519 (38.6)
1.510 (38.4)
.151 (3.8)
.130 (3.3)
23
1.566 (39.8)
1.556 (39.5)
2.078 (52.8)
2.046 (52.0)
1.6250-18
1.3125-18
2.188 (55.6)
1.585 (40.3)
1.578 (40.1)
1.644 (41.8)
1.635 (41.5)
.151 (3.8)
.130 (3.3)
25
1.691 (43.0)
1.681 (42.7)
2.204 (56.0)
2.172 (55.2)
1.7500-18
1.4375-18
2.312 (58.7)
1.710 (43.4)
1.701 (43.2)
1.769 (44.9)
1.760 (44.7)
.151 (3.8)
.130 (3.3)
Recomended
Panel Cut-Out
J
H
MIL-DTL-38999 Series I
Jam Nut Panel Cutout
SHELL
SIZE
CODE
SHELL
SIZE
H
J
A
09
.710 (18.0)
.700 (17.8)
.670 (17.0)
.660 (16.8)
B
11
.835 (21.2)
.825 (21.0)
.771 (19.6)
.761 (19.3)
C
13
1.020 (25.9)
1.010 (25.7)
.955 (24.3)
.945 (24.0)
D
15
1.145 (29.1)
1.135 (28.8)
1.085 (27.6)
1.075 (27.3)
E
17
1.270 (32.3)
1.260 (32.0)
1.210 (30.7)
1.200 (30.5)
F
19
1.395 (35.4)
1.385 (35.2)
1.335 (33.9)
1.325 (33.7)
G
21
1.520 (38.6)
1.510 (38.4)
1.460 (37.1)
1.450 (36.8)
H
23
1.645 (41.8)
1.635 (41.5)
1.585 (40.3)
1.575 (40.0)
J
25
1.770 (45.0)
1.760 (44.7)
1.710 (43.4)
1.700 (43.2)
240-381J
MIL-DTL-38999 Series I Type Filter Connector
Jam Nut Receptacle
TABLE I: CONNECTOR CLASS
SYM
CLASS
MATERIAL
FINISH DESCRIPTION
M
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless
Nickel
P
Environmental
Stainless
Steel
Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel Over Electroless Nickel
TABLE II: CAPACITOR ARRAY CODE
CAPACITANCE RANGE
CLASS
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
* Reduced DWV – Please consult factory.


Similar Part No. - 240-381JZN15-35PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
More results

Similar Description - 240-381JZN15-35PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
   Jam Nut Receptacle
240-264JM16-26PSPY GLENAIR-240-264JM16-26PSPY Datasheet
366Kb / 2P
   Jam Nut Receptacle
240-382JH215-35 GLENAIR-240-382JH215-35 Datasheet
350Kb / 2P
   Jam Nut Receptacle
240-382JM15-35PS GLENAIR-240-382JM15-35PS Datasheet
349Kb / 2P
   Jam Nut Receptacle
240-837J GLENAIR-240-837J Datasheet
113Kb / 2P
   Jam Nut Receptacle
240-384J GLENAIR-240-384J Datasheet
117Kb / 2P
   Jam Nut Receptacle
240-838J GLENAIR-240-838J Datasheet
102Kb / 2P
   Jam Nut Receptacle
240-383J GLENAIR-240-383J Datasheet
118Kb / 2P
   Jam Nut Receptacle
240-515J GLENAIR-240-515J Datasheet
94Kb / 2P
   MS3454 Jam Nut Receptacle
257-333 GLENAIR-257-333 Datasheet
404Kb / 2P
   Hermetic Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com