Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-050-3P01D Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-050-3P01D
Description  ARINC 600 Class A Size 3 Filter Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-050-3P01D Datasheet(HTML) 2 Page - Glenair, Inc.

  240-050-3P01D Datasheet HTML 1Page - Glenair, Inc. 240-050-3P01D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed in U.S.A.
E-Mail: sales@glenair.com
G-11
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
CAGE Codes 06324
www.glenair.com
G
TABLE I: CAPACITANCE CODE
CODE
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
X
160,000 - 240,000
80,000 - 120,000
Y
80,000 - 120,000
40,000 - 60,000
Z
60,000 - 91,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
APPLICATION NOTES
Material/Finish:
1.
Shell: Aluminum/Cadmium Chromate per SAE-AMS-QQ-P-416,
.000450 minimum thickness, type II
Color: yellow to gold over electroless nickel plating per SAE-
AMS-C-26074, .000100 - .000450 thickness over Copper flash
deposition per SAE-AMS-2418
Insulators: high grade rigid dielectric
PC tail and solder cup contacts: Copper alloy/50μ" Gold over
50μ" Nickel
Assembly to be permanently identified with (space permitting)
2.
Glenair, part number, cavity and contact location, and date
code.
Insert arrangement in accordance with ARINC 600 (arrange-
3.
ment shown for reference only
EMI filter receptacle connector designed to meet requirements
4.
of MIL-STD-2120 and Arinc 600.
Electrical Parameters:
5.
Working voltage - 200 VDC, 115 VAC 400Hz
Dielectric withstanding voltage (DWV) - 500 VDC min
Insulation resistance (IR) - 5000 Megohms min at 200 VDC
Other filter styles (unbalanced or Pi) are available. Please
6.
consult factory with your specific requirements.
Additional features may be added (e.g. clinch nuts). Please
7.
consult factory with your specific requirements.
240-050
ARINC 600 Class A Size 3 Filter Receptacle
D
A
E
B
F
C
GLE NAIR
A
B
C
D
E
F
G
H
J
K
0
1
0
1
A
B
C
D
E
F
G
H
J
K
1
A
B
C
D
E
F
G
H
J
K
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
A
B
C
D
E
F
G
H
J
K
0
1
0
1
A
B
C
D
E
F
G
H
J
K
1
A
B
C
D
E
F
G
H
J
K
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
3.260
±.015
2.886
±.005
.650
±.005
1.950
±.005
14x Ø 148
±.003
1.60
+.00
-.03
.153
-.012
.019
-.001
6.960
± .015
2.130
± .005
6.350
± .005


Similar Part No. - 240-050-3P01D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-051 GLENAIR-240-051 Datasheet
111Kb / 2P
   D-Subminiature Filter Adapter
More results

Similar Description - 240-050-3P01D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Glenair, Inc.
527305B GLENAIR-527305B Datasheet
76Kb / 1P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
P522 ETC2-P522 Datasheet
116Kb / 1P
   SIZE 5 ARINC 600 RF CONNECTOR FOR ECS CABLE 432101
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com