Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-050-3P01F Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-050-3P01F
Description  ARINC 600 Class A Size 3 Filter Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-050-3P01F Datasheet(HTML) 1 Page - Glenair, Inc.

  240-050-3P01F Datasheet HTML 1Page - Glenair, Inc. 240-050-3P01F Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 Glenair, Inc.
www.glenair.com
G-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
CAGE Codes 06324
E-Mail: sales@glenair.com
G
Filter Connector
Product Code
Basic
Number
Shell Size
Key Position
Per ARINC 600 Attachment
(18 Key Clocking Shown for
Reference)
Insert Arrangement
Per ARINC 600 (Positions A through F)
Specify Grounded/Non-Grounded for
Cavities with Size 8 Contacts
Filter Class
(See Table I)
240 - 050 - 3
P 01 A 02 02 07 02 02 07
Contacts
P - PC Tail
S - Solder Cup
240-050
ARINC 600 Class A Size 3 Filter Receptacle
D
A
E
B
F
C
GLE NAIR
A
B
C
D
E
F
G
H
J
K
0
1
0
1
A
B
C
D
E
F
G
H
J
K
1
A
B
C
D
E
F
G
H
J
K
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
A
B
C
D
E
F
G
H
J
K
0
1
0
1
A
B
C
D
E
F
G
H
J
K
1
A
B
C
D
E
F
G
H
J
K
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
5
10
15
1
5
10
15
3.260
±.015
2.886
±.005
.650
±.005
1.950
±.005
14x Ø 148
±.003
1.60
+.00
-.03
.153
-.012
.019
-.001
6.960
± .015
2.130
± .005
6.350
± .005


Similar Part No. - 240-050-3P01F

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-051 GLENAIR-240-051 Datasheet
111Kb / 2P
   D-Subminiature Filter Adapter
More results

Similar Description - 240-050-3P01F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Glenair, Inc.
527305B GLENAIR-527305B Datasheet
76Kb / 1P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
P522 ETC2-P522 Datasheet
116Kb / 1P
   SIZE 5 ARINC 600 RF CONNECTOR FOR ECS CABLE 432101
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com