Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-383DMT15-35P Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-383DMT15-35P
Description  Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-383DMT15-35P Datasheet(HTML) 1 Page - Glenair, Inc.

  240-383DMT15-35P Datasheet HTML 1Page - Glenair, Inc. 240-383DMT15-35P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-30
B
A° B°
Normal and Alternate Position
Key Rotation
TABLE IV
ALTERNATE KEY AND
KEYWAY POSITION
Position
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
240-383D
MIL-DTL-38999 Series III Filter Connector
Dual Flange Wall Mount Receptacle with P.C.Tails
Capacitance
(See Table II)
Insert Arrangement
IAW MIL-STD-1560
Filter Connector
Product Code
MIL-DTL-38999 Series III
Connector Class
(See Table I)
Alternate Key Position
Per MIL-DTL-38999
A, B, C, D, E, N = Normal
Shell Style
D - Dual Flange Wall Mount
Filter Type
P - Pi Circuit
C - C Circuit
Contact Gender
P - Pin
S - Socket
240 - 383
D P 15-35 P P P A N N
Termination
P - PC Tail
Flange Mounting Style
N - Not Applicable/Mfgs. Option
TABLE V:
PC TAIL DIAMETER
Contact
Size
Ø
U
22D
.018/.021
(0.5/0.5)
20
.029/.031
(0.7/0.8)
16
.038/.042
(1.0/1.1)
Diameter Ø Q
Master
Keyway
R
S
See Note 3
.131 (3.3)
.125 (3.2)
.820 (20.8)
.815 (20.7)
.691 (17.6)
.686 (17.4)
.155 ±.020
(3.9 ± .5)
Thread B
.195 (5.0)
.100 (2.5)
.250 (6.4)
P
4PL
Rad H 4PL
Interrupted
K
Interrupted
L
N 4PL
Interrupted J
4-40 Helicoils
Installed per NASM 33537
Tang Removed
45° 4PL
D - Dual Flange Wall Mount
U
(See Table IV)


Similar Part No. - 240-383DMT15-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383D GLENAIR-240-383D Datasheet
115Kb / 2P
   Dual Flange Wall Mount Receptacle with PC Tails
More results

Similar Description - 240-383DMT15-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-805-07 GLENAIR-240-805-07 Datasheet
306Kb / 1P
   Filter Connector
247-045 GLENAIR-247-045 Datasheet
296Kb / 2P
   Filter Connector
240-805-01 GLENAIR-240-805-01 Datasheet
300Kb / 1P
   Filter Connector
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
logo
PREMO CORPORATION S.L
FTC-1Z PREMO-FTC-1Z Datasheet
158Kb / 1P
   IEC Connector Filter
FTN-1Z PREMO-FTN-1Z Datasheet
143Kb / 1P
   IEC Connector Filter
FD-1X PREMO-FD-1X Datasheet
141Kb / 1P
   IEC Connector Filter
FTCV-1Z PREMO-FTCV-1Z Datasheet
146Kb / 1P
   IEC Connector Filter
FT-FTO PREMO-FT-FTO Datasheet
146Kb / 1P
   IEC Connector Filter
logo
Glenair, Inc.
240-021 GLENAIR-240-021 Datasheet
148Kb / 4P
   D-Subminiature Filter Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com