Electronic Components Datasheet Search |
|
240-264JH216-26SPCY Datasheet(PDF) 1 Page - Glenair, Inc. |
|
240-264JH216-26SPCY Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2008 Glenair, Inc. E-Mail: sales@glenair.com B-48 B 240-264J MIL-DTL-26482 Series II Type Filter Connector Jam Nut Receptacle Master Polarizing Keyway .060 (1.5) Width Polarizing Stripe A A B Peripheral Gasket Interfacial Seal L Max. REF P (Size 20 Contacts) V (Size 16 & 12 Contacts) R O-Ring .027 (.7) .011 (.3) N Thread J S Painted Bayonet Pin Ends G F J - Jam Nut Thread D C Insert Arrangement Per MIL-STD-1669 Filter Connector Product Code MIL-C-26482 Series II Termination S - Solder Cup Contact Gender P - Pin S - Socket Alternate Key Position W, X, Y, Z, N = Normal Shell Style J - Jam Nut Filter Type P - Pi Circuit C - C Circuit Connector Class (See Table I) Flange Mounting Style N - Not Applicable Capacitance (See Table II) 240 - 264 J P 16-26 P S P A N N TABLE I: CONNECTOR CLASS SYM CLASS MATERIAL FINISH DESCRIPTION M Environmental Aluminum Electroless Nickel MT Environmental Aluminum Ni-PTFE 1000 Hour GreyTM Nickel Fluorocarbon Polymer NF Environmental Aluminum Cadmium O.D. Over Electroless Nickel P Environmental Stainless Steel Electro-Deposited Nickel ZN Environmental Aluminum Zinc-Nickel Over Electroless Nickel H2 Hermetic Stainless Steel Electroless Nickel TABLE II: CAPACITOR ARRAY CODE CAPACITANCE RANGE CLASS PI - CIRCUIT (pF) C - CIRCUIT (pF) X* 160,000 - 240,000 80,000 - 120,000 Y* 80,000 - 120,000 40,000 - 60,000 Z* 60,000 - 90,000 30,000 - 45,000 A 38,000 - 56,000 19,000 - 28,000 B 32,000 - 45,000 16,000 - 22,500 C 18,000 - 33,000 9,000 - 16,500 D 8,000 - 12,000 4,000 - 6,000 E 3,300 - 5,000 1,650 - 2,500 F 800 - 1,300 400 - 650 G 400 - 600 200 - 300 * Reduced DWV – Please consult factory. |
Similar Part No. - 240-264JH216-26SPCY |
|
Similar Description - 240-264JH216-26SPCY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |