Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

233-105-D0XW15L Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-105-D0XW15L
Description  Wall Mount Environmental Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-105-D0XW15L Datasheet(HTML) 1 Page - Glenair, Inc.

  233-105-D0XW15L Datasheet HTML 1Page - Glenair, Inc. 233-105-D0XW15L Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
233-105-00, D0 and T0
MIL-DTL-38999 Series III Type
Wall Mount Environmental Receptacle Connector
TABLE II: FINISH
SYM
MATERIAL
FINISH
XM
Composite
Electroless Nickel
XMT
Composite
Ni-PTFE 1000 Hour
GreyTM
XW
Composite
Cadmium O.D. Over
Electroless Nickel
00 - SLOTTED HOLES
Yellow Color band
Master
Keyway
J Thread
1.240 (31.5)
Max
A Thread
H
G
B SQ
2X C BSC
2X D BSC
4X F
4X E
Blue Color Band
Fully Mated Red
Indicator Band
.520 (13.2) Max
M
.005 (0.1)
Insert Arrangement
for Reference Only
D0 - ROUND HOLES
M
.005 (0.1)
2X C BSC
B SQ
4 x K Dia Holes
Master
Keyway
Consult factory for available insert arrangements.
Metric Dimensions in Parenthesis.
Mfg’s
Name
and Part
Number
Insert Arrangement
per MIL-STD-1560
TABLE I: CONTACT TYPES
Ordering
Code
Assembly Dash
Number
Wire Size
Type
Military Part
Number
P
850-002-16-364
#16 – #20
Pin
M39029/58-364
S
850-001-16-352
#16 – #20
Socket
M39029/56-352
A
Less pin contacts
B
Less socket contacts
Insert Arrangement
per MIL-STD-1560
and JSFD08
Basic Part Number
233-105 - D38999 Series III Type
Power and Signal Connector
Alternate Key
Position
A, B, C, D, or E
(
N for Normal)
Contact Type
(See Table I)
233-105 - 00 XM 21 - 11
S N
Shell Style
00 - Receptacle, Wall Mount w/ Slotted Holes
D0 - Receptacle, Wall Mount w/ Round Holes
T0 - Receptacle, Wall Mount w/ Tapped Holes
Finish Material
(See Table II)
Shell Size
09
11
13
13L
15
15L
17
17L
19
19L
21
21L
23
23L
25
25C
25L
25Q


Similar Part No. - 233-105-D0XW15L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
233-105-05 GLENAIR-233-105-05 Datasheet
187Kb / 2P
   In-Line Environmental Receptacle Connector
233-105-05XM09 GLENAIR-233-105-05XM09 Datasheet
315Kb / 2P
   In-Line Environmental Receptacle Connector
233-105-05XM11 GLENAIR-233-105-05XM11 Datasheet
315Kb / 2P
   In-Line Environmental Receptacle Connector
233-105-05XM13 GLENAIR-233-105-05XM13 Datasheet
315Kb / 2P
   In-Line Environmental Receptacle Connector
More results

Similar Description - 233-105-D0XW15L

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09_10 Datasheet
234Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00 GLENAIR-232-104-00 Datasheet
194Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09 Datasheet
396Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-384WM10-35P GLENAIR-240-384WM10-35P Datasheet
357Kb / 2P
   Filter Connector Wall Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com