Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-515-JTP36-4PS Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-515-JTP36-4PS
Description  Jam Nut Mount Filtered Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-515-JTP36-4PS Datasheet(HTML) 2 Page - Glenair, Inc.

  240-515-JTP36-4PS Datasheet HTML 1Page - Glenair, Inc. 240-515-JTP36-4PS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed in U.S.A.
E-Mail: sales@glenair.com
F-7
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2008 Glenair, Inc.
CAGE Codes 06324
www.glenair.com
F
240-515-J
Jam Nut Mount Filtered Receptacle Connector
(5015 Type)
TABLE II: SHELL MATERIAL/FINISH
Symbol
Material
Finish Description
M
Aluminum
Electroless Nickel
NF
Cadmium Olive Drab
Over Electroless Nickel
P
Stainless Steel
Electro-Deposited
Nickel
TABLE I: DIMENSIONS
Shell
Size
A Thread
Class 2A
B Dia
±.005 (0.13)
C
±.010 (0.25)
D
±.005 (0.13)
E Dia
+.015 (0.38)
-.000 (0)
F
±.005 (0.13)
G Thread
Class 2A
14S .875 - 20 UNEF 1.647 (41.8) 1.125 (28.6) 1.562 (39.7) .880 (22.4)
.720 (18.3)
7/8-20 UNEF
16S 1.000 - 20 UNEF 1.772 (45.0) 1.250 (31.8) 1.687 (42.8) 1.005 (25.5) .720 (18.3)
1-20 UNEF
18 1.125 - 18 UNEF 1.817 (46.2) 1.375 (34.9) 1.812 (46.0) 1.130 (28.7) .970 (24.6)
1 1/16-18 UNEF
20 1.250 - 18 UNEF 2.022 (51.4) 1.500 (38.1) 1.937 (49.2) 1.255 (31.9) .970 (24.6)
1 3/16-18 UNEF
22 1.375 - 18 UNEF 2.241 (56.9) 1.625 (41.3) 2.156 (54.8) 1.380 (35.1) .970 (24.6)
1 5/16-18 UNEF
24 1.500 - 18 UNEF 2.356 (59.8) 1.750 (44.5) 2.281 (57.9) 1.505 (38.2) .970 (24.6)
1 7/16-18 UNEF
32
2.000 - 18 UNS 2.856 (72.5) 2.375 (60.3) 2.781 (70.6) 2.005 (50.9) .970 (24.6)
2-18 UNS
36
2.250 - 16 UN
2.118 (53.8) 2.875 (73.0) 3.031 (77.0) 2.255 (57.3) .970 (24.6)
2 1/4-16 UN
40
2.500 - 16 UN
3.368 (85.5) 2.875 (73.0) 3.281 (83.3) 2.503 (63.6) .970 (24.6)
1 1/2-16 UN
E Dia
RECOMMENDED
PANEL CUT-OUT
A
B
C
A
B
C
A
B
C
A
B
C
36-4
0
A=D; B,C=A
22-9
12
E
20-3
12
D
20-19
8
A
Arrangement
Contact Size
Service Rating
12
8
0
Contact
Legend
TABLE III: CAPACITOR
ARRAY CODE AND
CAPACITANCE RANGE
CLASS
C - SECTION (pF)
X
80,000 - 120,000
Y
40,000 - 60,000
Z
30,000 - 45,000
A
19,000 - 28,000
B
16,000 - 22,500
C
9,000 - 16,500
Example
Contact
Arrangements


Similar Part No. - 240-515-JTP36-4PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-515-WM36-4SS GLENAIR-240-515-WM36-4SS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-515-WNF36-4PS GLENAIR-240-515-WNF36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-515-WNF36-4SS GLENAIR-240-515-WNF36-4SS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-515-WP36-4PS GLENAIR-240-515-WP36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
More results

Similar Description - 240-515-JTP36-4PS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-ITS-JM20-3PS GLENAIR-240-ITS-JM20-3PS Datasheet
481Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
247-026PPA GLENAIR-247-026PPA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
257-384 GLENAIR-257-384 Datasheet
275Kb / 2P
   Jam Nut Mount Mount Receptacle Connector
900-014NF25-1P1 GLENAIR-900-014NF25-1P1 Datasheet
309Kb / 2P
   Receptacle, Jam-Nut Mount
180_091 GLENAIR-180_091_08 Datasheet
342Kb / 2P
   Jam Nut Mount Receptacle
947-050 GLENAIR-947-050_15 Datasheet
212Kb / 2P
   Jam Nut Mount Shorting Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com