Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-264AZN16-26PSCX Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-264AZN16-26PSCX
Description  Connector Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-264AZN16-26PSCX Datasheet(HTML) 1 Page - Glenair, Inc.

  240-264AZN16-26PSCX Datasheet HTML 1Page - Glenair, Inc. 240-264AZN16-26PSCX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-50
B
240-264A
Glenair MIL-DTL-26482 Series II Type
Connector Adapter
2.200 (55.9)
MAX
RECEPTACLE END
PLUG END
A
B
A - Connector Adapter
Capacitance
(See Table II)
Insert Arrangement
Per MIL-STD-1669
Filter Connector
Product Code
MIL-C-26482 Series II
Contact Gender
PS - Pins, Plug Side
SP - Sockets, Plug Side
Alternate Key Position
W, X, Y, Z, N = Normal
Shell Style
A - Connector Adapter
Filter Type
P - Pi Circuit
C - C Circuit
Connector Class
(See Table I)
Flange Mounting Style
N - Not Applicable
240 - 264 A P 16-26 PS P A N N


Similar Part No. - 240-264AZN16-26PSCX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-264A GLENAIR-240-264A Datasheet
81Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
More results

Similar Description - 240-264AZN16-26PSCX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515A GLENAIR-240-515A Datasheet
76Kb / 2P
   Connector Adapter
240-382AM15-35PSP GLENAIR-240-382AM15-35PSP Datasheet
366Kb / 2P
   Connector Adapter
240-837-AP14-04PS GLENAIR-240-837-AP14-04PS Datasheet
357Kb / 2P
   Connector Adapter
240-382AMY GLENAIR-240-382AMY Datasheet
368Kb / 2P
   Connector Adapter
240-382A GLENAIR-240-382A Datasheet
89Kb / 2P
   Connector Adapter
240-383A GLENAIR-240-383A Datasheet
107Kb / 2P
   Connector Adapter
240-381AM15-35PSP GLENAIR-240-381AM15-35PSP Datasheet
350Kb / 2P
   Connector Adapter
240-837A GLENAIR-240-837A Datasheet
109Kb / 2P
   Filtered Connector Adapter
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
759-862AA16 GLENAIR-759-862AA16_10 Datasheet
305Kb / 2P
   Connector to Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com