Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-091ZNUT7-11-8SD Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-091ZNUT7-11-8SD
Description  Advanced Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091ZNUT7-11-8SD Datasheet(HTML) 1 Page - Glenair, Inc.

  180-091ZNUT7-11-8SD Datasheet HTML 1Page - Glenair, Inc. 180-091ZNUT7-11-8SD Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-22
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-091 (T7 - Square Flange Wall Mount)
Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Tapped Holes
Product Series
Basic Number
Finish Symbol
(Table II)
Wall Mount Receptacle
Square Flange
with Tapped Holes
180-091 XW T7-17-8 P N
Alternate Key Position per MIL-DTL-38999
A, B, C, D, or E (N = Normal)
Insert Designator
P = Pin
S = Socket
Insert Arrangement (See page B-10)
Shell Size (Table I)
APPLICATION NOTES
1. Material/ Finishes:
Shell - See Table II
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part
number and date code space permitting.
3. Insert arrangement in accordance with MIL-STD-1560,
See Page B-10.
4. Insert arrangement shown is for reference only.
5. Blue Color Band indicates rear release retention system.
6. For appropriate Glenair Terminus part numbers see
Glenair Drawing 181-001 and 181-002.
7. Metric Dimensions (mm) are indicated in parentheses.
See Note 2
J Thread
Yellow Color Band
.520 (13.2) Max
Fully Mated
Indicator Band Red
A Thread
Master
Keyway
4XL Tapped Holes
2xC BSC
B SQ
O .005 (0.1) M
1.240 (31.5)
Max
H
G
T7 - WALL MOUNT RECEPTACLE
SQUARE FLANGE WITH TAPPED HOLES
See Notes 3 and 4
Blue Color Band (See Note 5)


Similar Part No. - 180-091ZNUT7-11-8SD

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091ZNU05-11-8PA GLENAIR-180-091ZNU05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091ZNU05-11-8PB GLENAIR-180-091ZNU05-11-8PB Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091ZNU05-11-8PC GLENAIR-180-091ZNU05-11-8PC Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091ZNU05-11-8PD GLENAIR-180-091ZNU05-11-8PD Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091ZNU05-11-8PE GLENAIR-180-091ZNU05-11-8PE Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
More results

Similar Description - 180-091ZNUT7-11-8SD

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M08-11-8PA GLENAIR-180-091M08-11-8PA Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M05-11-8PA GLENAIR-180-091M05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com