Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-012-2-18-5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 257-012-2-18-5
Description  Environment Resistant Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-012-2-18-5 Datasheet(HTML) 1 Page - Glenair, Inc.

  257-012-2-18-5 Datasheet HTML 1Page - Glenair, Inc. 257-012-2-18-5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
C-16
INSERT ARRANGEMENT WITH SOLDER POT
CONTACTS, SEE FACE VIEWS & P/N DEVELOPMENT
POLARIZING KEY
E
D
RECOMMENDED
PANEL CUTOUT
G
F
257-012
CONNECTOR, RECEPTACLE,
ENVIRONMENT RESISTANT
MIL-C-5015 TYPE
B THREAD
.156 MAX. PANEL
A THREAD TYP.
1.62 MAX
.54
.030 MIN. PANEL
C DIA
REF: GLENAIR 290WS018
(P)
REF: GLENAIR 290WS011
(M)
SAND BLAST
HOW TO ORDER:
EXAMPLE:
257 - 012 - 2 -14S -
P W M
PRODUCT SERIES
BASIC NO
2 = PLUG ASSEMBLY
SHELL SIZE, TABLE I
CONTACT STYLE:
P = PIN
S = SOCKET
ALTERNATE INSERT POSITION, OMIT FOR NORMAL
M = MOLDING ADAPTER
P = POTTING ADAPTER
(OMIT FOR NONE)
INSERT ARRANGEMENT DASH NO
5
1 3/4 -18 UNEF
MAX
G
MAX
F
2.42 (61.5)
2.12 (53.8)
1.82 (46.2)
1.69 (42.9)
1.25 (31.8)
1.09 (27.7)
.94 (23.9)
2.125 (54.0)
1.875 (47.6)
1.625 (41.3)
1.500 (38.1)
1.125 (28.6)
1.000 (25.4)
.875 (22.2)
CLASS 2A
B THREAD
1 3/4 -18 UN
1 1/2 -16 UN
1 1/4 -16 UN
1 1/8 -16 UN
7/8 -20 UNEF
3/4 -20 UNEF
5/8 -24 UNEF
+.010 -
+.010 -
1 1/2 -18 UNEF
1 1/4 -18 UNEF
1 1/8 -18 UNEF
7/8 -20 UNEF
3/4 -20 UNEF
5/8 -24 UNEF
1.710 (43.4)
1.460 (37.1)
1.210 (30.7)
1.085 (27.6)
.835 (21.2)
.710 (18.0)
.585 (14.9)
1.760 (44.7)
1.510 (38.4)
1.260 (32.0)
1.135 (28.8)
.885 (22.5)
.760 (19.3)
.635 (16.1)
2.28 (57.9)
2.03 (51.6)
1.78 (45.2)
1.66 (42.2)
1.28 (32.5)
1.16 (29.5)
1.03 (26.2)
28
24
20
18
14S
12
10SL
CLASS 2A
A THREAD
.000
E
.000
D
MAX
C
SIZE
SHELL
TABLE I: CONNECTOR DIMENSIONS
(+0.3 - 0)
(+0.3 - 0)
16S
1 -20 UNEF
1 -20 UNEF 1.42 (36.1) 1.010 (25.7) .960 (24.4) 1.250 (31.8) 1.39 (35.3)
257-012
Environment Resistant Plug
MIL-DTL-5015 Type
Mates to Mil-C-5015 (MS3106) Type Plug Connector


Similar Part No. - 257-012-2-18-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-012 GLENAIR-257-012 Datasheet
64Kb / 1P
   Test Connector Receptacle Assembly
257-012H210SL GLENAIR-257-012H210SL Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H212 GLENAIR-257-012H212 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H214S GLENAIR-257-012H214S Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H218 GLENAIR-257-012H218 Datasheet
416Kb / 1P
   Connector Receptacle Assembly
More results

Similar Description - 257-012-2-18-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
190-007-6-10SL-5PW GLENAIR-190-007-6-10SL-5PW Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-7-10SL-5PW GLENAIR-190-007-7-10SL-5PW Datasheet
266Kb / 1P
   Composite Connector, Receptacle Environment Resistant
logo
PANDUIT CORP.
D-150-0094 PANDUIT-D-150-0094 Datasheet
131Kb / 2P
   SPLICE, COAXIAL CABLE, ENVIRONMENT RESISTANT
D-406-0034 PANDUIT-D-406-0034 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
logo
Tyco Electronics
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
257-007-6-10SL GLENAIR-257-007-6-10SL Datasheet
430Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
257-003-6-10SL GLENAIR-257-003-6-10SL Datasheet
428Kb / 2P
   Connector Plug Assembly Stainless Steel Harsh Environment
logo
PowerDynamics, Inc
PD-HEC2-MCC-4-W POWERDYNAMICS-PD-HEC2-MCC-4-W Datasheet
224Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com