Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC180 Datasheet(PDF) 3 Page - RHOPOINT COMPONENTS

Part # ADC180
Description  Programmable Integrating A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

ADC180 Datasheet(HTML) 3 Page - RHOPOINT COMPONENTS

  ADC180 Datasheet HTML 1Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 2Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 3Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 4Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 5Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 6Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 7Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
THEORY OF OPERATION
The ADC180 uses a differential input to improve
accuracy. To measure single source voltages,
V
low should be connected to the ground point of the
source voltage to be measured. In figure 1, the
switch is shown in the normal operating mode
connecting V
hi and Vlow to the differential input of
the transadmittance amplifier. For an autozero
cycle, V
hi
is disconnected and the input to the
amplifier is shorted.
The charge balance modulator (figure 2) uses a
proprietary patented architecture to achieve the
high accuracy of the ADC180 without any error
correction method other than autozero.
This
enables the converter to sample the output of the
transadmittance amplifier continuously at a
sampling rate of 20 MHz. This is important for
applications like inertial guidance systems where
Auto Zero Switch
Charge Balance
Modulator
Microprocessor
Output
Buffer
Crystal
Clock
Transadmittance
Amplifier
V
hi
V
low
Auto
Zero
Data
Request
Status
Lines
Output Enable
Data
Output
13
.
.
.
20
21
29
22
23
24
34
35
39
40
FIGURE 1.
BLOCK DIAGRAM
Bidirectional
Curent
Source
Direction
Switch
Bilevel
Comparator
Figure 2. Patented Charge Balance Modulator
The conversion result between two consecutive
data request inputs at times t
1
and t
2
is
mathematically represented by the equation
Data
Output
I
IN
ADC180DS REV I FEB 05
Duty Cycle
Test Point
3
20MHz clock output
26
The converter provides two 32 bit data words with
the first word containing t
2-t1 and the second word
containing
=
2
1
1
2
1
t
t
inp
iav
dt
V
t
t
V
dt
V
t
t
inp
2
1
dt
V
t
t
inp
2
1
must be measured without any loss of time
increments. The output of the charge balance
modulator is in the form of a pulse width
modulation signal. The internal microprocessor
provides all control functions and digital signal
processing.
The converter also has an internal crystal clock to
avoid phase jitter errors and a tristate output
buffer for easy interface with bus based systems.
For the data output timing see figures 5 and 6.


Similar Part No. - ADC180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC180 ETC2-ADC180 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
More results

Similar Description - ADC180

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
   Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
   Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
   Precision 22 Bit Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
   10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Renesas Technology Corp
M62301SP RENESAS-M62301SP Datasheet
157Kb / 12P
   10 to 12-bit 4-ch Integrating A/D Converter
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
   INTEGRATING LIGHT-VOLTAGE CONVERTER
logo
Analog Devices
AD1170 AD-AD1170_15 Datasheet
1Mb / 12P
   High Resolution Programmable Intergrating A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com