Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC180 Datasheet(PDF) 4 Page - RHOPOINT COMPONENTS

Part # ADC180
Description  Programmable Integrating A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

ADC180 Datasheet(HTML) 4 Page - RHOPOINT COMPONENTS

  ADC180 Datasheet HTML 1Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 2Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 3Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 4Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 5Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 6Page - RHOPOINT COMPONENTS ADC180 Datasheet HTML 7Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CONNECTING THE ADC180
DUTY CYCLE OUTPUT (pin 3)
This logic level output allows monitoring of the
integration cycle and is usually used for timing
purposes.
POWER SUPPLIES (pins 4-7)
The ADC180 has internal 0.1µF decoupling
capacitors for all power supply inputs.
This is
sufficient for applications with relatively short power
supply leads (approx. 5") or if additional capacitors
are located on the circuit board. External capacitors
of 10 µF on the ±15V inputs and 33 µF on the +5V
input is recommended for applications with longer
power supply leads.
GROUND (pin7)
Since ground noise can result in a loss of accuracy,
the ground connection should be made as solid as
possible. Use of a ground plane is a good approach
to maintain the full accuracy of the ADC180.
OUTPUT DATA LINES (pins 13-20)
The parallel output data is available on pins 13-20.
Pin 20 is the Most Significant Bit and pin 13 the
Least Significant Bit. The data lines go to a high
impedance state when the Output Enable line is at a
logic 1 level.
ANALOG INPUTS (pins 39,40)
The differential analog inputs are buffered by
op amps and have a common mode rejection of
approximately 80dB minimum. To maintain the full
accuracy of the ADC180 it is recommended to
maintain the input to analog low to less than
0.1VDC. To avoid differential noise pickup, parallel
adjacent lines should be used for the analog inputs
on PC boards and shielded lines outside of the PC
connections.
CAPACITOR (pin 34, 35)
The only external component required to operate
the ADC180 is a capacitor which sets the
integration time. A 0.082µF capacitor results in an
integration time of approximately 250 µs.
For
2,000µs a 0.68µF capacitor is required.
The
relationship is linear for intermediate capacitor
values.
The main parameter affected by shorter conversion
times
is
bias
stability
over
temperature.
Polystyrene, mylar, or polycarbonate capacitors are
recommended.
AUTO ZERO / RESET (pin 29)
A logic 0 on this input will autozero the ADC180 by
internally connecting the analog high to analog low.
Since the internal microprocessor is reset, the
ADC180 is not functional during this time
(approximately 1s). S
1 will go to logic 1 indicating
that no data is available.
After completing the
autozero function, S
1 will return to logic 0 and the
ADC will begin collecting data.
STATUS LINES (pins 23, 24)
These lines indicate the present state of the ADC.
After a data request has been received and the
current integration cycle is complete, the ADC will
output the data collected subsequent to the
previous data request.
S
1 will go to logic 1 to
acknowledge the data request. The 8 bytes of data
will be placed on the data bus sequentially. A logic
1 on S
0 indicates valid data on the data bus. After
the data has been transmitted, S
1 will return to
logic 0.
DATA REQUEST (pin 22)
A logic 0 on this line initiates a data transfer
sequence.
OUTPUT ENABLE (pin 21)
A logic 0 on this line enables outputs D0 - D7.
NC= Factory test points, do not connect to these pins.
Vee (-15V)
Vcc (+15V)
Vdd (+5V)
(TOP VIEW)
ADC180
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
N.C.
Duty Cycle Output
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
D0
D1
D2
D5
D4
D3
D6
D7
GND
ANALOG LOW
ANALOG HIGH
/AUTO ZERO / RESET
S1
S0
/DATA REQUEST
/OUTPUT ENABLE
CAPACITOR
FIGURE 3. EXTERNAL CONNECTIONS
ADC180DS REV I FEB 05
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.


Similar Part No. - ADC180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC180 ETC2-ADC180 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
More results

Similar Description - ADC180

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
   Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
   Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
   Precision 22 Bit Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
   10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Renesas Technology Corp
M62301SP RENESAS-M62301SP Datasheet
157Kb / 12P
   10 to 12-bit 4-ch Integrating A/D Converter
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
   INTEGRATING LIGHT-VOLTAGE CONVERTER
logo
Analog Devices
AD1170 AD-AD1170_15 Datasheet
1Mb / 12P
   High Resolution Programmable Intergrating A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com