Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OIS-170885-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OIS-170885-X-T
Description  Series 170 - 0805 Standard IR high intensity 885-950 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-170885-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OIS-170885-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OIS-170885-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OIS-170885-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OIS-170885-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OIS-170885-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OIS-170 ?????-??-T
Intensity group
ZZ
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OIS-170885-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170880-X-T OSA-OIS-170880-X-T Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
More results

Similar Description - OIS-170885-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-150885 OSA-OIS-150885 Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170660 OSA-OIS-170660 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 660-850 nm
OIS-250885 OSA-OIS-250885 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 885-950 nm
OIS-330885 OSA-OIS-330885 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 885-950 nm
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com