Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-032131PP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-032131PP
Description  Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-032131PP Datasheet(HTML) 1 Page - Glenair, Inc.

  240-032131PP Datasheet HTML 1Page - Glenair, Inc. 240-032131PP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-7
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
HOW TO ORDER FILTER MICRO-D CONNECTORS WITH INSULATED WIRE PIGTAILS
Series
Shell Finish
Number
of
Contacts
Contact
Type
Filter Type
Filter
Class
Wire
Gage
(AWG)
Wire Type
Wire Color
Wire
Length
Inches Hardware
240-032
Aluminum Shell
1 – Cadmium
2 – Nickel
4 – BlackAnodize
5 – Gold
6 – Chem Film
Stainless Steel
Shell
3 – Passivated
9
15
21
25
31
37
P
Pin
S
Socket
C C Filter
P Pi Filter
A
B
C
D
E
F
G
4 – #24
6 – #26
8 – #28
K M22759/11
600 Vrms
Teflon® (TFE)
J M22759/33
600 Vrms
Modified
Cross-Linked
Tefzel®
(ETFE)
1 White
2 Yellow
5 Color-Coded
Stripes Per
MIL-STD-681
(#24 and #26
gage only)
7 Ten Color
Repeat
18
Wire
Length In
Inches. “18”
Specifies
18 Inches.
B
P
M
M1
S
S1
L
K
F
R
Sample Part Number
240-032
2
– 25
P
P
B
6
K
1
– 18
B
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
L
KFR
Thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
Float Mount
For Front
Panel
Mounting
Float Mount
For Rear
Panel
Mounting
Micro-D Filter Connectors
Pre-Wired Pigtails with Insulated Wire
Glenair’s Filtered Pigtail Micro-D's provide EMI solutions
in a miniaturized M83513 Micro-D connector. These
connectors feature ceramic capacitor planar arrays
and ferrite inductors. Insulated wire is factory precision-
crimped to TwistPin contacts for superior reliability in
the most demanding environments.
Choose Pi or C Filter Arrays in seven filter classes and
six layouts. Glenair filtered Micro-D connectors comply
with applicable MIL-DTL-83513 requirements and are
100% intermateable with standard connectors.
Choose 9 to 37 Contacts, with standard cadmium or
nickel plating on the connector housing or choose
optional finishes such as gold or chem film.
G
C


Similar Part No. - 240-032131PP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-032-1-15PCA GLENAIR-240-032-1-15PCA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-032-1-15PCB GLENAIR-240-032-1-15PCB Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-032-1-15PCC GLENAIR-240-032-1-15PCC Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-032-1-15PPA GLENAIR-240-032-1-15PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
More results

Similar Description - 240-032131PP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDL-9P-4C3 GLENAIR-MWDL-9P-4C3 Datasheet
358Kb / 2P
   Micro-D Plastic Shell Uninsulated Wire Pigtails
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
logo
ETAL Group
19BGT ETAL-19BGT Datasheet
747Kb / 6P
   Power-D-Box with sockets pre-wired
logo
Schneider Electric
XZCPA1164L2 SCHNEIDER-XZCPA1164L2 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female -
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com