Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGHHV5K00JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TGHHV5K00JE
Description  120 and 200 Watt SOT227Package Thick Film Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TGHHV5K00JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TGHHV5K00JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
60
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
61
TGH Series
120 and 200 Watt SOT227Package
Thick Film Power
O R D E R I N G I N F O R M AT I O N
S P E C I F I C A T I O N S
Material
Heat Sink: Nickel-plated copper
Contacts: Nickel-plated copper
Substrate: Al203 (96%)
Molding Compound: High-per-
formance epoxy, compliant to
UL94-V0
Terminal Nuts: American standard
303 stainless steel
Electrical
Resistance Range: 0.1Ω to 1MΩ
Tolerance: ±5%
Temperature coefficient:
±250ppm (at +105°C ref. to
+25°C)
Max. Work.Voltage: 500V (up to
1,000V on special request)
Power Rating at 85°C: 120W (see
derating)
Partial Discharge: up to
2,000Vrms/80 pC
Voltage Proof: Dielectric Strength
up to 4,000V DC against ground
D E R A T I N G
0.209"
(5.3mm)
1.235"
±0.014
(31.35mm
±0.35)
0.315"
±0.008
(8.0mm
±0.2)
0.165"
±0.004
(4.2mm
±0.1)
0.158"
(4.0mm)
0.165"
±0.004
(4.2mm
±0.1)
0.591"
±0.004
(15.0mm
±0.1)
1.190"
±0.004
(30.2mm
±0.1)
1.501"
±0.004
(38.1mm
±0.1)
0.473"
±0.008
(12.0mm
±0.2)
0.355"
±0.004
(9.0mm
±0.1)
0.032"
±0.002
(0.80mm
±0.05)
0.500"
±0.004
(12.7mm
±0.1)
0.980"
±0.021
(24.9mm
±0.5)
0.079"
±0.002
(2.00mm
±0.05)
1
2
4
3
M4
100
Bottom-case Temperature,
°C
60
20
0
175
80
40
25
100 125
0
50
85
200
120
40
0
160
80
150
120
72
24
0
96
48
L
H
Type:
1
4
1
2
Config.
1
Config.
2
Due to their non-induc-
tive design, these resistors
are ideally suited for high-
frequency and pulse-load
applications. Available in 120-
or 200-watt sizes, this resistor
is designed for direct mount-
ing onto a heatsink. Popular
applications include variable
speed drives, power supplies,
control devices, telecom, robot-
ics, motor controls, and other
switching designs.
Best results can be reached by
using a thermal transfer compound
with a heat conductivity of better
than 1W/mK
C O N F I G U R A T I O N S
(per package)
SOT 227 Series
Configuration
V = config. 1
X = config. 2
Resistance Value
Example:
R500 = 0.500Ω
1R00 = 1Ω
250R =
250Ω
1K00 = 1,000Ω
10K0 = 10,000Ω
T G H H V 1 R 0 0 J E
Wattage
H = 120W
L = 200W
E = RoHS compliant
Tolerance
J = 5%
S T A N D A R D P A R T N U M B E R S
Ohms 120 Watt TGHH
200 Watt TGHL
0.1
TGHHVR100JE
TGHLVR100JE
0.5
TGHLVR500JE
1
TGHHV1R00JE
TGHLV1R00JE
5
TGHHV5R00JE
10
TGHHV10R0JE
TGHLV10R0JE
25
TGHLV25R0JE
33
TGHHV33R0JE
TGHLV33R0JE
50
TGHHV50R0JE
100
TGHHV100RJE
TGHLV100RJE
150
TGHHV150RJE
TGHLV150RJE
500
TGHHV500RJE
TGHLV500RJE
680
TGHHV680RJE
TGHLV680RJE
1K
TGHHV1K00JE
TGHLV1K00JE
5K
TGHHV5K00JE
TGHLV5K00JE
10K
TGHHV10K0JE
TGHLV10K0JE
Heat Resistance to Cooling
Plate: Rth <0.35 K/W
Capacitance/Mass: 45pF
Working Temp. Range: -55°C to
+155°C
Max. Torque for Base Plate
(static): 1.5 Nm
Max. Torque for Contacts
(static): 1.3 Nm. M4 screws (not
included)
Derating (thermal resistance):
2.86W/°K (0.35°K/W)
Subscribe to our
New Product Bulletin at
ohmite.com
Check product availability at
www.ohmite.com


Similar Part No. - TGHHV5K00JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TGHHV5K00JE OHMITE-TGHHV5K00JE Datasheet
429Kb / 2P
   Due to their non-inductive design
More results

Similar Description - TGHHV5K00JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TGH OHMITE-TGH Datasheet
429Kb / 2P
   120 and 200 Watt SOT227Package Thick Film Power
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
logo
Vishay Siliconix
LTO30 VISHAY-LTO30 Datasheet
78Kb / 4P
   30 Watt Power Resistor Thick Film Technology
Revision 30-May-06
logo
Ohmite Mfg. Co.
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
TEH100 OHMITE-TEH100 Datasheet
444Kb / 2P
   100 Watt Thick Film Power Resistors for High
TK20PR030JE OHMITE-TK20PR030JE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
List of Unclassifed Man...
TK20P1R00JE ETC2-TK20P1R00JE Datasheet
176Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com