Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189HM037T1907-3B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189HM037T1907-3B
Description  Environmental Backshell with Banding Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HM037T1907-3B Datasheet(HTML) 1 Page - Glenair, Inc.

  189HM037T1907-3B Datasheet HTML 1Page - Glenair, Inc. 189HM037T1907-3B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I-4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
189-037
Environmental Backshell with Banding Strain Relief
for MIL-DTL-38999 Series III Fiber Optic Connectors
Product Series
Connector Designator
H = MIL-DTL-38999
Series III
Angular Function
S = Straight
M = 45° Elbow
N = 90° Elbow
Basic Number
Finish Symbol
(Table III)
Shell Size
(See Table I)
Dash No.
(See Table II)
Length in 1/2-Inch
Increments (See Note 3)
189 H S 037 M 17 07-3
O-rings
Length
B Dia
Anti-rotation
Device
A Thread
SYM S
STRAIGHT
Knurl Style Mfr
Option
Straight Knurl
.75 (19.1) R Min.
SYM N
SYM M
E
D
F
C
1.50 (38.1)
O-ring
Cable Seal
X
Cable Range
K Dia
W Wrench Flats
Shrink Sleeving
Mil-I-23053/5 (See Note 5)
2.0 (50.8)
Shrink Sleeving
Mil-I-23053/4
(See Notes 5 & 6)
1.0 (25.4)
45º
90º


Similar Part No. - 189HM037T1907-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HM016B1105-3B GLENAIR-189HM016B1105-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1107-3B GLENAIR-189HM016B1107-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1109-3B GLENAIR-189HM016B1109-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1111-3B GLENAIR-189HM016B1111-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189HM016B1113-3B GLENAIR-189HM016B1113-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
More results

Similar Description - 189HM037T1907-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS016NF1105-3B GLENAIR-189HS016NF1105-3B Datasheet
224Kb / 2P
   Backshell with Banding Strain Relief Environmental Resistant
189-016 GLENAIR-189-016 Datasheet
553Kb / 2P
   Backshell with Banding Strain Relief
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
   Environmental Banding Backshell
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
   Environmental Banding Backshell
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
   Environmental Banding Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com