Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-455NF25G75 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-455NF25G75
Description  Box Mount Quadrax Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-455NF25G75 Datasheet(HTML) 2 Page - Glenair, Inc.

  257-455NF25G75 Datasheet HTML 1Page - Glenair, Inc. 257-455NF25G75 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-21
D
257-455
Box Mount Quadrax Connector
With PC Tails • MIL-DTL-38999 Series III Type
TABLE I
Shell
Size
A Thread
B Sq.
C Bsc.
D Bsc.
ø E
Min.
09
.6250-.1P-.3L-TS-2A
1.031
1.007
.719
.594
.656
21
1.3750 -.1P-.3L-TS-2A
1.575
1.545
1.250
1.221
1.421
23
1.5000 -.1P-.3L-TS-2A
1.701
1.677
1.375
1.360
1.546
25
1.6250 -.1P-.3L-TS-2A
1.823
1.799
1.500
1.475
1.672
CA
DA
NA
AA
BA
Figure 1
Master Keyway Position
Face View Shown
Insert Arrangement Does
Not Rotate With Master Keyway
D
C
B
A
F
E
D
C
B
A
H
G
F
E
D
C
B
A
Arrangement 09-5
Arrangement 21-75
Arrangement 23-06
Arrangement 25-08
1
2
3
4
Orientation
Key / Keyway
45°
.250 (CL of Ground Legs)
.111
Typ
.021 x .025
Rear View of Differential Quadrax
Orientation
Key / Keyway
45°
ø .250 BC
ø .039 Min.
4x Equally
Spaced
ø .030 Min
4x
.111
Typ
Recommended PCB Layout
2
3
4
1
C
BSC
4x .130 Min.
C
BSC
ø E Min.
Back Panel Mounting
See Quadrax Contact Information on D-24


Similar Part No. - 257-455NF25G75

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-455 GLENAIR-257-455 Datasheet
299Kb / 2P
   Box Mount Quadrax Connector
More results

Similar Description - 257-455NF25G75

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-455 GLENAIR-257-455 Datasheet
299Kb / 2P
   Box Mount Quadrax Connector
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
257-459M06-09 GLENAIR-257-459M06-09 Datasheet
459Kb / 2P
   Plug and Wall Mount Quadrax Connector
257-459 GLENAIR-257-459 Datasheet
315Kb / 2P
   Plug or Wall Mount Receptacle Quadrax Connector
logo
TE Connectivity Ltd
408-10191 TEC-408-10191 Datasheet
73Kb / 2P
   Quadrax Ferrule Insertion Tools
logo
Glenair, Inc.
854-001 GLENAIR-854-001 Datasheet
229Kb / 1P
   Crimp Quadrax Pin Contact
logo
Tyco Electronics
013133-000 MACOM-013133-000 Datasheet
355Kb / 3P
   CONNECTOR, RECEPTACLE, BOX MOUNT
logo
Glenair, Inc.
ITH03FFA18PW GLENAIR-ITH03FFA18PW Datasheet
171Kb / 2P
   Box Mount Receptacle Connector
854-002 GLENAIR-854-002 Datasheet
233Kb / 1P
   Crimp Quadrax Socket Contact
854-002-01 GLENAIR-854-002-01 Datasheet
352Kb / 1P
   Crimp Quadrax Pin and Socket Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com