Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

247-070-015-P-E-01 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 247-070-015-P-E-01
Description  Micro-D Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

247-070-015-P-E-01 Datasheet(HTML) 2 Page - Glenair, Inc.

  247-070-015-P-E-01 Datasheet HTML 1Page - Glenair, Inc. 247-070-015-P-E-01 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed in U.S.A.
E-Mail: sales@glenair.com
G-9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
CAGE Codes 06324
www.glenair.com
G
APPLICATION NOTES
1. Material/ Finish:
Shells - Aluminum Alloy / See P/N Development for Plating
Insulators - LCP / N.A.
Contacts - Copper Alloy / Gold Plated
O-Rings - Flourosilicone
2. Assembly to be identified with Glenair's name, part number, date code, and
pin 1 identification.
3. Performance Data per MIL-DTL-835613
4. Interface Dimensions per MIL-DTL-83513
5. Assembly Supplied with 2 Rear Panel Mount JackPosts for 1/16 Thick Panel
6. Termination Footprint per Glenair CBR
(see Glenair Micro-D catalog or www.glenair.com)
7. Plug Assemblies Supplied with EMI Ground Spring.
8. Each Assembly to be Supplied with O-Ring Installed.
9. All Contacts to have Identical Filter Value. Other Filter
Arrangements Available - Contact Factory.
10. DWV - 100 VDC Min.
11. Insulation Resistance: 5000 MegOhms Min. at 200 VDC
12. Metric dimensions (mm) are indicated in parentheses.
247-070
Immersion Proof Micro-D Filter Connector
Right Angle (90°) Printed Circuit Board Mount
TABLE I: CAPACITOR ARRAY CODE
CAPACITANCE RANGE
CLASS
C - CIRCUIT (pF)
A
19,000 - 28,000
B
16,000 - 22,500
C
9,000 - 16,500
D
4,000 - 6,000
E
1,650 - 2,500
F
400 - 650
G
200 - 300
DIMENSIONAL TABLE
SHELL
SIZE
A +/- .005 (.13) B +/- .005 (.13) C +/- .003 (.08)
(D)
E +/- .005 (.13) F +/- .005 (.13)
(G)
9P
1.135 (28.8)
.775 (19.7)
.565 (14.4)
.304 (7.7)
.298 (7.6)
.655 (16.6)
.185 (4.7)
9S
1.135 (28.8)
.775 (19.7)
.565 (14.4)
.358 (9.1)
.298 (7.6)
.655 (16.6)
.235 (6.0)
15P
1.285 (32.6)
.925 (23.5)
.715 (18.2)
.484 (12.3)
.298 (7.6)
.655 (16.6)
.185 (4.7)
15S
1.285 (32.6)
.925 (23.5)
.715 (18.2)
.534 (13.6)
.298 (7.6)
.655 (16.6)
.235 (6.0)
21P
1.435 (36.4)
1.075 (27.3)
.865 (22.0)
.634 (16.1)
.298 (7.6)
.655 (16.6)
.185 (4.7)
21S
1.435 (36.4)
1.075 (27.3)
.865 (22.0)
.684 (17.4)
.298 (7.6)
.655 (16.6)
.235 (6.0)
25P
1.535 (39.0)
1.175 (29.8)
.965 (24.5)
.734 (18.6)
.298 (7.6)
.655 (16.6)
.185 (4.7)
25S
1.535 (39.0)
1.175 (29.8)
.965 (24.5)
.784 (19.9)
.298 (7.6)
.655 (16.6)
.235 (6.0)
31P
1.685 (42.8)
1.325 (33.7)
1.115 (28.3)
.884 (22.5)
.298 (7.6)
.655 (16.6)
.185 (4.7)
31S
1.685 (42.8)
1.325 (33.7)
1.115 (28.3)
.934 (23.7)
.298 (7.6)
.655 (16.6)
.235 (6.0)
37P
1.835 (46.6)
1.475 (37.5)
1.265 (32.1)
1.034 (26.3)
.298 (7.6)
.655 (16.6)
.185 (4.7)
37S
1.835 (46.6)
1.475 (37.5)
1.265 (32.1)
1.084 (27.5)
.298 (7.6)
.655 (16.6)
.235 (6.0)
RECOMMENDED PANEL CUTOUTS
LAYOUT
S +.004 (.1)
-.000 (0)
T +.003 (.08)
-.003 (.08)
W +.004 (.1)
-.000 (0)
9
.408 (10.4)
.565 (14.4)
.256 (6.5)
15
.558 (14.2)
.715 (18.2)
.256 (6.5)
21
.708 (18.0)
.865 (22.0)
.256 (6.5)
25
.808 (20.5)
.965 (24.5)
.256 (6.5)
31
.958 (24.3)
1.115 (28.3)
.256 (6.5)
37
1.108 (28.1)
1.265 (32.1)
.256 (6.5)


Similar Part No. - 247-070-015-P-E-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-026PCA GLENAIR-247-026PCA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCB GLENAIR-247-026PCB Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCC GLENAIR-247-026PCC Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCD GLENAIR-247-026PCD Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCE GLENAIR-247-026PCE Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
More results

Similar Description - 247-070-015-P-E-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
2470-1048 GLENAIR-2470-1048 Datasheet
73Kb / 1P
   Combo Micro-D Filter Connector
247-379 GLENAIR-247-379 Datasheet
191Kb / 4P
   Edge Board Micro-D Filter Connector
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com