Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSB51K0JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TFSB51K0JE
Description  Surge Capable Thick Film Non Inductive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TFSB51K0JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TFSB51K0JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
67
TFS Series
Surge Capable
Thick Film Non Inductive
A
C
B
H
E
0.50mm
0.25mm
U
Energy*
Power
Dimensions (mm)
Type
(KV)
(J)
(W)
A
B
C
H
E
TFSA
3
6
0.5
9
5.5
10
0.7
1.1
TFSB
3.5
9
0.5
11
5.5
10
0.7
1.1
TFSC
4
11
0.75
13
5.5
10
0.7
1.1
TFSD
7
33
1
21
8
10
0.9
1.3
TFSE
7
44
1.5
21
10.5
10
0.9
1.3
TFSF
11
55
2
26
10.5
10
0.9
1.3
*Published energy rating is for 10ms pulse. For shorter pulses energy rating has to be
derated according to Max. Individual Pulse Rating chart (left) and Single Pulse Energy
Rating considerations (see ohmite.com).
The TFS Series has been spe-
cifically developed to absorb
large amounts of energy by
efficient use of its compact
mass. Ideal for medical surge
protection applications, these
thick film reisistors offer non-
inductive performance in an
axial package.
Uses include power supply
conversion, electron micro-
scopes, X-ray systems, high-
resolution CRT displays, and
geophysical instrument related
products.
F E A T U R E S
• Appropriate for medical surge
protection applications
• Ideal to replace standard carbon
composition resistors
• Custom dimensions, values,
tolerances and characteristics
available
• For energy rating information,
visit www.ohmite.com
O R D E R I N G I N F O R M AT I O N
Ohm Value
Example:
100R = 100Ω
2K40 = 2400Ω
Tolerance
F = 1%
G = 2%
J = 5%
K = 10%
Series
T F S A 1 0 0 K J E
Energy Rating
joules
A = 6
B = 9
C = 11
RoHS Compliant
D = 33
E = 44
F = 55
S P E C I F I C A T I O N S
Material
Resistive Element: Thick Film
Encapsulation: Screen Printed
Glass
Electrical
Resistance Value: 100Ω up to
100KΩ
Temperature Coefficient:
100ppm/°C
Tolerance: 1%, 2%, 5%, 10%
Operating Temperature: -55°C to
+200°C
Test: VDE 0750 (Pulse Duration
10 msec)
M A X I M U M I N D I V I D U A L P U L S E R A T I N G
Pulse Width
1
µs
10
µs 100 µs
1 ms
10 ms 100 ms
0.1
1000
1
10
100
N O T E S
• Momentary overload capability is 5 times rated power for
1 second or 2 times rated power for 5 seconds. Always
verify designs with pulse and surge conditions through
thorough testing of the design at maximum operating
temperature and maximum pulse loading (or some mar-
gin above maximum pulse loading).
• Damage to the resistor by excessive pulse loading is
generally indicated by an increasing resistance of the
resistor.
• Energy ratings are based on single pulses (at least 1
minute between pulses).
• For multiple pulse applications the energy pulse rating
should be reduced and the average power should not
exceed the nominal power rating of the selected model.
S T A N D A R D P A R T N U M B E R S F O R T F S S E R I E S
6 Joules
9 Joules
11 Joules
33 Joules
44 Joules
55 Joules
Ohms Tol.
0.5 Watts
0.5 Watts
0.75 Watts
1 Watts
1.5 Watts
2 Watts
100 1% TFSA100RFE
100 5%
TFSB100RJE
TFSD100RJE
TFSF100RJE
220 1% TFSA220RFE
270 5% TFSA270RJE
TFSC270RJE TFSD270RJE
TFSF270RJE
470 1% TFSA470RFE
470 5%
TFSB470RJE
TFSE470RJE
680 5% TFSA680RJE
TFSC680RJE
TFSE680RJE TFSF680RJE
750 5%
TFSB750RJE
TFSD750RJE
TFSF750RJE
1,000 1% TFSA1K00FE
1,000 5% TFSA1K00JE TFSB1K00JE TFSC1K00JE TFSD1K00JE TFSE1K00JE TFSF1K00JE
1,500 5% TFSA1K50JE
TFSC1K50JE TFSD1K50JE
TFSF1K50JE
2,200 1% TFSA2K20FE
2,700 5%
TFSB2K70JE
TFSE2K70JE
4,700 1% TFSA4K70FE
4,700 5% TFSA4K70JE
TFSC4K70JE TFSD4K70JE
4,990 1% TFSA4K99FE
5,000 5% TFSA75K0JE
6,800 5%
TFSB6K80JE
TFSE6K80JE
10,000 1% TFSA10K0FE
10,000 5% TFSA10K0JE TFSB10K0JE TFSC10K0JE TFSD10K0JE
TFSF10K0JE
16,000 5%
TFSF16K0JE
20,000 1% TFSA20K0FE
TFSF20K0JE
20,000 5%
TFSB20K0JE
TFSD20K0JE
22,000 1% TFSA22K0FE
27,000 5% TFSA27K0JE
TFSC27K0JE
TFSE27K0JE
47,000 1% TFSA47K0FE
50,000 5% TFSA50K0JE
TFSF51K0JE
51,000 5%
TFSB51K0JE TFSC51K0JE TFSD51K0JE
75,000 5%
TFSE75K0JE
100,000 1% TFSA100KFE
100,000 5%
TFSB100KJE TFSC100KJE TFSD100KJE
TFSF100KJE
Our friendly Customer
Service team can be
reached at 866-9-OHMITE
Check product availability at
www.ohmite.com


Similar Part No. - TFSB51K0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TFSB51K0JE OHMITE-TFSB51K0JE Datasheet
357Kb / 2P
   Ideal to replace standard carbon com-position resistors
More results

Similar Description - TFSB51K0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-ARC3 OHMITE-ACL-ARC3 Datasheet
165Kb / 2P
   Non Inductive, Thick Film
ARC3 OHMITE-ARC3 Datasheet
165Kb / 2P
   Non Inductive, Thick Film
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
UR1.7 WILLOW-UR1.7 Datasheet
2Mb / 2P
   Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
logo
TT Electronics.
BSR TTELEC-BSR Datasheet
248Kb / 4P
   Thick Film 2512 Surge Resistors
logo
Bi technologies
BSR BITECH-BSR Datasheet
167Kb / 4P
   Thick Film 2512 Surge Resistors
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
Willow Technologies Ltd
HD10 WILLOW-HD10 Datasheet
882Kb / 2P
   High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
logo
Panasonic Semiconductor
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com