Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-176SUD-XD-T Datasheet(PDF) 3 Page - OSA Opto Light GmbH

Part # OLS-176SUD-XD-T
Description  Series 176 - 0805 low current High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-176SUD-XD-T Datasheet(HTML) 3 Page - OSA Opto Light GmbH

  OLS-176SUD-XD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-176SUD-XD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-176SUD-XD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-176SUD-XD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-176SUD-XD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
edition 10/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
300
250
250
200
200
150
150
100
100
50
50
0
Max. 40 s
10-20 s
230°C
Time (sec)
300
IR reflow
soldering
profile
IR reflow
soldering
profile for lead
free soldering
Manual soldering:
max power of iron 25W/ 3s/ 300°C
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions


Similar Part No. - OLS-176SUD-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176SD-C-T OSA-OLS-176SD-C-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-CD-T OSA-OLS-176SD-CD-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-X-T OSA-OLS-176SD-X-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-XD-T OSA-OLS-176SD-XD-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SR-C-T OSA-OLS-176SR-C-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current red 650 nm
More results

Similar Description - OLS-176SUD-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-172HY OSA-OLS-172HY Datasheet
125Kb / 5P
   Series 172 - 0805 - Bipolar monocolor High luminous intensity
OLS-180HY OSA-OLS-180HY Datasheet
124Kb / 5P
   Series 180 - 0805 lower height High luminous intensity
OLS-216HY OSA-OLS-216HY Datasheet
128Kb / 5P
   Series 216 - side view - low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com