Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLBR10FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WLBR10FE
Description  Miniature Wirewound Current Sense
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WLBR10FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WLBR10FE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
15
WL Series
Miniature Wirewound
Current Sense
F E A T U R E S
• Ultra-low ohmic value series for
Current Sensing applications
• Very low inductance (<1nH at
1MHz Test)
• Miniaturized dimensions, Better
power to dimension ratios
• Use of the highest quality stan-
dard (96% Alumina) ceramic
core
• Manufacturing process–Wire
winding/Spot Welding–by
Computer Numerical Control
(CNC) machine tools to ensure
consistency of product quality.
• Encapsulated by epoxy molding
compound
• Advanced IC encapsulation
mold/die technologies
D E R A T I N G
Power
Resistance
Rating
Range
Dim. L
Dim. D
Dim. d
Type
(watts)
(Ω)
(mm/in)
(mm/in)
(mm/in)
WLA
0.5
0.005-0.100
5.08 / 0.200 2.54 / 0.100
0.60 / 0.024
WLB
1
0.005-0.100
7.00 / 0.276 3.00 / 0.120
0.60 / 0.024
WLC
2
0.010-0.100
11.4 / 0.450 6.86 / 0.270
0.80 / 0.031
S P E C I F I C A T I O N S
Material
Ceramic Core: CeramTec
Rubalit® 96% alumina
End Caps: Stainless steel, preci-
sion formed
Leads: Copper wire, 100% Sn
(Lead Free) coated
CN49W alloy resistance wire TC
±20ppm/°C
Encapsulation: SUMICON 1100/
1200 Epoxy molding compound
for IC encapsulation
Electrical
Standard Tolerance: F (1.0%),
J (5.0%)
Temperature Coefficient
(ppm/°C):
±300ppm/°C for ≤0.03Ω
±100ppm/°C for ≥0.033Ω
Maximum Working Voltage:
√PxR
P E R F O R M A N C E C H A R A C T E R I S T I C S
Test
Conditions Of Test
Performance
Thermal Shock
Rated power applied until thermal stability,
-55°C +0°C,-5°C,15min.
±2.0%
Short-time Overload
5 times rated wattage for 5 seconds
±2.0%
Solderability
Method 208 of MIL-STD-202
±2.0%
Terminal Strength
Pull test:10 pounds, 5 to10 seconds, Twist
test: 1080°,5 second/rotation
±1.0%
Dielectric
Withstanding Voltage
500 Volts rms for 1W. 1 minute
±1.0%
High Temperature
Exposure
Exposed to an ambient temperature of 275
+5/-0°C for 250 ±8 hours,
±5.0%
Moisture Resistance
MIL-STD-202 Method 106, 7b not appli-
cable
±2.0%
Low Temperature
Storage
Cold chamber at a temperature of -65
±2°C for 24 ±4 hours
±2.0%
Vibration, High
Frequency
Frequency varied 10 to 2000Hz, 200G
peak, 2 directions 6 hours each
±1.0%
Load Life
1000/2000 hours at rated power, +25°C,
1.5 hours “On”, 0.5 hours “Off”
±5.0%
O R D E R I N G I N F O R M A T I O N
L
D
0.984 /
25
d
� � � � � � � � � � �
Series
Ohms
Power
A = 0.5
B = 1
C = 2
Tolerance
F = 1%
J = 5%
Package
T = Tape
blank = 25pc Pack
RoHS compliant
S T A N D A R D P A R T N U M B E R S F O R W L S E R I E S
Wattage:
0.5
1.0
2.0
Series:
WLA
WLB
WLC
Ohms
0.005
WLAR005FE
WLBR005FE
0.01
WLAR01FE
WLBR01FE
WLCR01FE
0.015
WLAR015FE
WLBR015FE
WLCR015FE
0.02
WLAR02FE
WLBR02FE
WLCR02FE
0.025
WLAR025FE
WLBR025FE
WLCR025FE
0.03
WLAR03FE
WLBR03FE
WLCR03FE
0.05
WLAR05FE
WLBR05FE
WLCR05FE
0.10
WLAR10FE
WLBR10FE
WLCR10FE
K E Y T O F I V E - B A N D C O D E
Band
1
2
3
4
5
Color
Digit
Multiplier
Tolerance
Black
0
0
0
x
Brown
1
1
1
x
10Ω
±
1% (F)
Red
2
2
2
x
100Ω
±
2% (G)
Orange
3
3
3
x
1KΩ
Yellow
4
4
4
x
10KΩ
Green
5
5
5
x 100KΩ
± 0.5% (D)
Blue
6
6
6
x
1MΩ
± 0.25% (C)
Violet
7
7
7
x 10MΩ
± 0.10% (B)
Grey
8
8
8
± 0.05%
White
9
9
9
x 0.001Ω
Gold
x
0.1Ω
±
5% (J)
Silver
x 0.01Ω
± 10% (K)
���
Check product availability at
www.ohmite.com
To see the latest in resistor
technology click on the “What’s
New” tab at ohmite.com
100
Ambient Temperature,
°C
60
20
0
80
40
25
50
100
175
75
0
125 150


Similar Part No. - WLBR10FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLBR100FE OHMITE-WLBR100FE Datasheet
430Kb / 2P
   Very low inductance
More results

Similar Description - WLBR10FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLCR020FET OHMITE-WLCR020FET Datasheet
240Kb / 2P
   Miniature Wirewound Current Sense
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
Ohmite Mfg. Co.
WNBR50FET OHMITE-WNBR50FET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
WHC1K0FET OHMITE-WHC1K0FET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
WHC100FET OHMITE-WHC100FET Datasheet
205Kb / 2P
   Miniature Molded Wirewound
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
   Miniature Current Sense Surface Mount Chip Resistors
logo
Ohmite Mfg. Co.
WHAR10FE OHMITE-WHAR10FE Datasheet
119Kb / 1P
   Miniature Molded Wirewound
WND10RFET OHMITE-WND10RFET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com