Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

247-16762SMC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 247-16762SMC
Description  D-Subminiature Connector, Right Angle EMI Filtered European Footprint
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

247-16762SMC Datasheet(HTML) 2 Page - Glenair, Inc.

  247-16762SMC Datasheet HTML 1Page - Glenair, Inc. 247-16762SMC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
E
TABLE I: DIMENSIONS
Shell
Size
Number of
Contacts
A
±
.015 (0.38)
B
±
.005 (0.13)
C
±
.005 (0.13)
D
±
.005 (0.13)
E
±
.015 (0.38)
F
Max
G
Max
1
9P
15P 1.213 (30.8) .666 (16.9) .984 (25.0)
.329 (8.4)
.494 (12.5)
.769 (19.5)
.432 (11.0)
9S
15S 1.213 (30.8) .643 (16.3) .984 (25.0)
.311 (7.9)
.494 (12.5)
.769 (19.5)
.432 (11.0)
2
15P
26P 1.541 (39.1) .994 (25.2) 1.312 (33.3)
.329 (8.4)
.494 (12.5) 1.093 (27.8)
.432 (11.0)
15S
26S 1.541 (39.1) .971 (24.7) 1.312 (33.3)
.311 (7.9)
.494 (12.5) 1.635 (41.5)
.432 (11.0)
3
25P
44P 2.088 (53.0) 1.534 (39.0) 1.852 (47.0)
.329 (8.4)
.494 (12.5) 1.635 (41.5)
.432 (11.0)
25S
44S 2.088 (53.0) 1.511 (38.4) 1.852 (47.0)
.311 (7.9)
.494 (12.5) 2.282 (58.0)
.432 (11.0)
4
37P
62P 2.729 (69.3) 2.182 (55.4) 2.500 (63.5)
.329 (8.4)
.494 (12.5) 2.282 (58.0)
.432 (11.0)
37S
62S 2.729 (69.3) 2.159 (54.8) 2.500 (63.5)
.311 (7.9)
.494 (12.5) 2.282 (58.0)
.432 (11.0)
TABLE III:
CAPACITANCE RANGE
Class
C-Circuit [pF]
A
19,000 - 28,000
B
16,000 - 22,500
C
9,000 - 16,500
D
4,000 - 6,000
E
1,650 - 2,500
F
400 - 650
G
200 - 300
TABLE IV: HARDWARE OPTIONS
Symbol
Hardware
B
No Hardware
C
M3 Clinch Nut
247-167
D-Subminiature Connector, Right Angle
EMI Filtered (MIL-DTL-24308 Type) European Footprint
TABLE II: SHELL MATERIAL/FINISH
Symbol
Material
Finish Description
J
Aluminum
Yellow Cadmium
M
Electroless Nickel
MT
NI-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
ZN
Zinc Nickel


Similar Part No. - 247-16762SMC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-026PCA GLENAIR-247-026PCA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCB GLENAIR-247-026PCB Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCC GLENAIR-247-026PCC Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCD GLENAIR-247-026PCD Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCE GLENAIR-247-026PCE Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
More results

Similar Description - 247-16762SMC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-021S9PJPAB-P GLENAIR-240-021S9PJPAB-P Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
logo
Dubilier
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
logo
Adam Technologies, Inc.
DXXX-PT-1-BL-EMI ADAM-TECH-DXXX-PT-1-BL-EMI Datasheet
118Kb / 1P
   D-SUB PLUG EMI FILTERED
DXXX-PT-1-BL-JS-EMI ADAM-TECH-DXXX-PT-1-BL-JS-EMI Datasheet
122Kb / 1P
   D-SUB PLUG EMI FILTERED
DXXX-ST-1-SL-EMI ADAM-TECH-DXXX-ST-1-SL-EMI Datasheet
110Kb / 1P
   D-SUB SOCKET EMI FILTERED
logo
Dubilier
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
logo
Adam Technologies, Inc.
DB25SHC1C ADAM-TECH-DB25SHC1C Datasheet
213Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
logo
Glenair, Inc.
550T009M GLENAIR-550T009M Datasheet
100Kb / 2P
   EMI/RFI D-Subminiature
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com