Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

311HS019XW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 311HS019XW
Description  Composite Lamp Base Thread
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

311HS019XW Datasheet(HTML) 2 Page - Glenair, Inc.

  311HS019XW Datasheet HTML 1Page - Glenair, Inc. 311HS019XW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
TABLE II: SHELL SIZE
Shell
Size
E
± .06
F
± .09
G
± .09
H
± .06
J
± .09
Max
Dash Number
(Table II)
A, F
H
08
09
0.69 (17.5)
0.88 (22.4)
1.19 (30.2)
0.72 (18.3)
1.00 (25.4)
02
10
11
0.75 (19.1)
1.00 (25.4)
1.25 (31.8)
0.75 (19.1)
1.06 (26.9)
03
12
13
0.81 (20.6)
1.13 (28.7)
1.31 (33.3)
0.75 (19.1)
1.13 (28.7)
04
14
15
0.88 (22.4)
1.31 (33.3)
1.38 (35.1)
0.76 (19.3)
1.16 (29.5)
05
16
17
0.94 (23.9)
1.38 (35.1)
1.44 (36.6)
0.78 (19.8)
1.18 (30.0)
06
18
19
0.97 (24.6)
1.44 (36.6)
1.47 (37.3)
0.79 (20.1)
1.19 (30.2)
07
20
21
1.06 (26.9)
1.63 (41.4)
1.56 (39.6)
0.82 (20.8)
1.22 (31.0)
08
22
23
1.13 (28.7)
1.75 (44.5)
1.63 (41.4)
0.86 (21.8)
1.26 (32.0)
09
24
25
1.19 (30.2)
1.88 (47.8)
1.69 (42.9)
0.89 (22.6)
1.29 (32.8)
10
TABLE IV: ENTRY DIAMETER
Dash
Number
K Entry
± .03
L
± .06
01
.13 (3.3)
.45 (11.4)
02
.25 (6.4)
.52 (13.2)
03
.38 (9.7)
.64 (16.3)
04
.50 (12.7)
.77 (19.6)
05
.63 (16.0)
.92 (23.4)
06
.75 (19.1)
1.02 (25.9)
07
.81 (20.6)
1.14 (29.0)
08
.94 (23.9)
1.27 (32.3)
09
1.06 (26.9)
1.43 (36.3)
10
1.19 (30.2)
1.52 (38.6)
11
1.38 (35.1)
1.64 (41.7)
311-019
Composite Lamp Base Thread
EMI/RFI Shield Termination Backshell
with Shrink Boot Porch and Self-Locking Rotatable Coupling
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant
Ni-PTFE, Nickel-Fluorocarbon
Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant
Cadmium/Olive Drab over
Electroless Nickel
NOTES
See Table I in Intro for front-end dimensional details.
1.
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
2.
Coupling nut supplied unplated.
3.


Similar Part No. - 311HS019XW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311HS034XM1901 GLENAIR-311HS034XM1901 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1902 GLENAIR-311HS034XM1902 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1903 GLENAIR-311HS034XM1903 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1904 GLENAIR-311HS034XM1904 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1905 GLENAIR-311HS034XM1905 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
More results

Similar Description - 311HS019XW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
   Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
logo
LUMEX INC.
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V_17 Datasheet
44Kb / 1P
   10mm Circular Ba9 Base Lamp
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
   10mm CIRCULAR E10 BASE LAMP
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
   LED MINATURE WEDGE BASE LAMP
SSP-D29B9SUGC-12V LUMEX-SSP-D29B9SUGC-12V Datasheet
44Kb / 1P
   10mm CIRCULAR BA9 BASE LAMP
logo
BetLux Electronics
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
logo
OSRAM GmbH
7456CW-02B2,5W OSRAM-7456CW-02B2,5W Datasheet
187Kb / 3P
   Compatible with conventional P21W lamp base
7556CW-02B2W1 OSRAM-7556CW-02B2W1 Datasheet
189Kb / 3P
   Compatible with conventional P21W lamp base
logo
BetLux Electronics
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, GU10 base
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com