Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73221 Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK73221
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73221 Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK73221 Datasheet HTML 6Page - TOKO, Inc TK73221 Datasheet HTML 7Page - TOKO, Inc TK73221 Datasheet HTML 8Page - TOKO, Inc TK73221 Datasheet HTML 9Page - TOKO, Inc TK73221 Datasheet HTML 10Page - TOKO, Inc TK73221 Datasheet HTML 11Page - TOKO, Inc TK73221 Datasheet HTML 12Page - TOKO, Inc TK73221 Datasheet HTML 13Page - TOKO, Inc TK73221 Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Page 10
January 1999 TOKO, Inc.
TK732xx
deliberately increase the output current (or raise the input
voltage) until the thermal protection circuit is activated.
Calculate the power dissipation of the device by subtracting
the output power from the input power. These
measurements should allow for the ambient temperature
of the PCB. The value obtained from P
D /(150 °C - TA) is the
derating factor. The PCB mounting pad should provide
maximum thermal conductivity in order to maintain low
device temperatures. As a general rule, the lower the
temperature, the better the reliability of the device. The
thermal resistance when mounted is expressed as follows:
T
j = 0jA x PD + TA
For Toko ICs, the internal limit for junction temperature is
150
°C. If the ambient temperature (T
A) is 25 °C, then:
150
°C = 0
jA x PD + 25 °C
0
jA = 125 °C / PD
P
D is the value when the thermal sensor is activated. A
simple way to determine P
D is to calculate VIN x IIN when
the output side is shorted. Input current gradually falls as
temperature rises. You should use the value when thermal
equilibrium is reached.
The range of usable currents can also be found from the
graph below.
Procedure:
1) Find P
D
2) P
D1 is taken to be PD x (Note: It is not necessary to connect
a ceramic capacitor in parallel with an aluminum or tantalum output
capacitor.
(~0.8 - 0.9)
SENSOR CIRCUITS
Overcurrent Sensor
The overcurrent sensor protects the device if the output is
shorted to ground.
Thermal Sensor
The thermal sensor protects the device if the junction
temperature exceeds the safe value (T
j = 150 °C). This
temperature rise can be caused by extreme heat, excessive
power dissipation caused by large output voltage drops, or
excessive output current. The regulator will shut off when
the temperature exceeds the safe value. As the junction
temperature decreases, the regulator will begin to operate
again. Under sustained fault conditions, the regulator
output will oscillate as the device turns off then resets.
Damage may occur to the device under extreme fault
conditions.
Reverse Voltage Protection
Reverse voltage protection prevents damage due to the
output voltage being higher than the input voltage. This
fault condition can occur when the output capacitor remains
charged and the input is reduced to zero, or when an
external voltage higher than the input voltage is applied to
the output side.
PACKAGE POWER DISSIPATION (P
D)
This is the power dissipation level at which the thermal
sensor is activated. The IC contains an internal thermal
sensor which monitors the junction temperature. When the
junction temperature exceeds the monitor threshold of
150
°C, the IC is shut down. The junction temperature
rises as the difference between the input power (V
IN x IIN)
and the output power (V
OUT x IOUT) increases. The rate of
temperature rise is greatly affected by the mounting pad
configuration on the PCB, the board material, and the
ambient temperature. When the IC mounting has good
thermal conductivity, the junction temperature will be low
even if the power dissipation is great. When mounted on
the recommended mounting pad, the power dissipation of
the SOT-23L-8 is increased to 600 mW. For operation at
ambient temperatures over 25
°C, the power dissipation of
the SOT-23L-8 device should be derated at 4.8 mW/
°C. To
determine the power dissipation for shutdown when
mounted, attach the device on the actual PCB and
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
PD
DPD
25
50
75
150
(mW)
TA (°C)
3
6
5
4


Similar Part No. - TK73221

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73221

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com