Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-264JMT16-26PSCE Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-264JMT16-26PSCE
Description  Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-264JMT16-26PSCE Datasheet(HTML) 1 Page - Glenair, Inc.

  240-264JMT16-26PSCE Datasheet HTML 1Page - Glenair, Inc. 240-264JMT16-26PSCE Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-48
B
240-264J
MIL-DTL-26482 Series II Type Filter Connector
Jam Nut Receptacle
Master
Polarizing
Keyway
.060 (1.5) Width
Polarizing Stripe
A
A
B
Peripheral
Gasket
Interfacial
Seal
L Max.
REF
P (Size 20 Contacts)
V (Size 16 & 12 Contacts)
R
O-Ring
.027 (.7)
.011 (.3)
N Thread
J
S
Painted
Bayonet
Pin Ends
G
F
J - Jam Nut
Thread D
C
Insert Arrangement
Per MIL-STD-1669
Filter Connector
Product Code
MIL-C-26482 Series II
Termination
S - Solder Cup
Contact Gender
P - Pin
S - Socket
Alternate Key Position
W, X, Y, Z, N = Normal
Shell Style
J - Jam Nut
Filter Type
P - Pi Circuit
C - C Circuit
Connector Class
(See Table I)
Flange Mounting Style
N - Not Applicable
Capacitance
(See Table II)
240 - 264
J P 16-26 P S P A N N
TABLE I: CONNECTOR CLASS
SYM
CLASS
MATERIAL
FINISH DESCRIPTION
M
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless
Nickel
P
Environmental
Stainless
Steel
Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel Over Electroless
Nickel
H2
Hermetic
Stainless
Steel
Electroless Nickel
TABLE II: CAPACITOR ARRAY CODE
CAPACITANCE RANGE
CLASS
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
* Reduced DWV – Please consult factory.


Similar Part No. - 240-264JMT16-26PSCE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-264J GLENAIR-240-264J Datasheet
88Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
More results

Similar Description - 240-264JMT16-26PSCE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
   Jam Nut Receptacle
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-382JH215-35 GLENAIR-240-382JH215-35 Datasheet
350Kb / 2P
   Jam Nut Receptacle
240-382JM15-35PS GLENAIR-240-382JM15-35PS Datasheet
349Kb / 2P
   Jam Nut Receptacle
240-837J GLENAIR-240-837J Datasheet
113Kb / 2P
   Jam Nut Receptacle
240-384J GLENAIR-240-384J Datasheet
117Kb / 2P
   Jam Nut Receptacle
240-838J GLENAIR-240-838J Datasheet
102Kb / 2P
   Jam Nut Receptacle
240-383J GLENAIR-240-383J Datasheet
118Kb / 2P
   Jam Nut Receptacle
240-515J GLENAIR-240-515J Datasheet
94Kb / 2P
   MS3454 Jam Nut Receptacle
257-333 GLENAIR-257-333 Datasheet
404Kb / 2P
   Hermetic Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com