Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

347F129XW08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 347F129XW08
Description  Composite Shorting Cap Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

347F129XW08 Datasheet(HTML) 1 Page - Glenair, Inc.

  347F129XW08 Datasheet HTML 1Page - Glenair, Inc. 347F129XW08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-28
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
347-129
Composite Shorting Cap Backshell
with Lanyard Attachment and
Self-Locking Rotatable Coupling
Finish Symbol
(See Table III)
Connector
Designator
A, F or H
Product Series
347 - Shorting Cap Backshell
347 H 129 XM 19 - 4 N 4 A
Basic Part
Number
Connector Shell Size
(See Table II)
Backshell Length in
1/2" Incriments
ex. 4 = 2.0 Inches
1" Min. / 2.5" Max.
Attachment Length
in 1/2" Incriments
(Ex. 6 = 3.0 Inches)
1" Min. Length
Attachment Symbol
(See Table IV)
End Fitting Symbol
(See Table V)
Std. Length 2.0" ± .06
Attachment
Length ± .25
Knurl or Flute
Mfr. Option
NOTES
Coupling nut supplied unplated.
1.
See Table I in Intro for front-end dimensional details.
2.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
Note: See Table I in Intro for
Front-End Dimensional Details


Similar Part No. - 347F129XW08

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
347 INTEL-347 Datasheet
2Mb / 95P
   Celeron D Processor
logo
Advanced Energy Industr...
347 ADVANCEDENERGY-347 Datasheet
102Kb / 4P
   TREK 347
01 6.20
logo
Glenair, Inc.
347-303-16-26W GLENAIR-347-303-16-26W Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
347-303-16-26X GLENAIR-347-303-16-26X Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
347-303-16-26Y GLENAIR-347-303-16-26Y Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
More results

Similar Description - 347F129XW08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
340AS001M16 GLENAIR-340AS001M16 Datasheet
94Kb / 1P
   O-Ring Sealed Shorting Cap Backshell
557-083M GLENAIR-557-083M Datasheet
109Kb / 2P
   D-Subminiature Shorting Cap Solid Backshell
340AS002M16 GLENAIR-340AS002M16 Datasheet
73Kb / 1P
   O-Ring Sealed Shorting Cap Backshell
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
377HS014XM11 GLENAIR-377HS014XM11 Datasheet
429Kb / 2P
   Composite Thermoplastic Backshell
logo
Rosenberger Hochfrequen...
51Z111-000N5 ROSENBERGER-51Z111-000N5 Datasheet
41Kb / 2P
   SHORTING CAP
32Z114-000L5 ROSENBERGER-32Z114-000L5 Datasheet
219Kb / 2P
   SHORTING CAP JACK
logo
Glenair, Inc.
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
   Composite Straight Backshell Adapter
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com