Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

330LS002C16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 330LS002C16
Description  Pipe Thread Adapters Rotatable Coupling
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

330LS002C16 Datasheet(HTML) 1 Page - Glenair, Inc.

  330LS002C16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 33 - 2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
330 F S 001 M 16 03-5
Product Series
Connector Designator
Angle and Profile
S = Straight
Basic Part No.
001 = External Thread
002 = Internal Thread
Length Designator (1/2 inch incre-
ments: e.g. 5=2.5 inches,
Minimum Lengths Table III)
Cable Entry (Table III)
Shell Size (Table I)
Finish (Table II)
1. Pipe threads per
American standard
taper pipe thread.
2. Metric dimensions
(mm) are indicated
in parentheses.
3. O-Ring not supplied
with Connector
Designator A.
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab Over
Electroless Nickel
See Back Cover for Complete Finish Information
and Additional Finish Options
330-001 and 330-002
Pipe Thread Adapters
Rotatable Coupling
Length
± .060 (1.52)
A Thread
(Table I)
C
(Table I)
External
Tapered Pipe
Thread
Internal
Tapered Pipe
Thread
F (Table III)
E
(Table III)
G (Table III)
A Thread
(Table I)
C
(Table I)
Wrench Flats Typ. (Space Permitting)
Length
± .060 (1.52)
O-Ring
E
(Table III)
See inside back cover fold-
out or pages 13 and 14 for
unabridged Tables I and II.
TABLE III: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
E
.391
(9.9)
.593 (15.1)
.593 (15.1)
.781 (19.8)
.812 (20.6)
1.000 (25.4)
1.031 (26.2)
1.031 (26.2)
1.062 (27.0)
1.453 (36.9)
G Dia
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.125 (54.0)
2.500 (63.5)
3.250 (82.6)
Min
1.5
(38.1)
1.5
(38.1)
1.5
(38.1)
2.0
(50.8)
2.0
(50.8)
2.0
(50.8)
2.5
(63.5)
2.5
(63.5)
2.5
(63.5)
2.5
(63.5)
F Dia
.405 (10.3)
.540 (13.7)
.675 (17.1)
.840 (21.3)
1.050 (26.7)
1.315 (33.4)
1.660 (42.2)
1.900 (48.3)
2.375 (60.3)
2.875 (73.0)
Pipe
Thread
1/8
1/4
3/8
1/2
3/4
1
1 1/4
1 1/2
2
2 1/2
Length
Desig.
3
3
3
4
4
4
5
5
5
5
Now Available
with the “NESTOR”
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.


Similar Part No. - 330LS002C16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
330LS003B16 GLENAIR-330LS003B16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
330LS003C16 GLENAIR-330LS003C16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
330LS003G16 GLENAIR-330LS003G16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
330LS003M16 GLENAIR-330LS003M16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
330LS003NF16 GLENAIR-330LS003NF16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
More results

Similar Description - 330LS002C16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
330AS003B16 GLENAIR-330AS003B16 Datasheet
75Kb / 1P
   Pipe Thread Adapter Direct Coupling
710-114M32 GLENAIR-710-114M32 Datasheet
72Kb / 1P
   Metal Straight Tapered Pipe Thread Adapters
440M-135 GLENAIR-440M-135 Datasheet
231Kb / 1P
   Rotatable Coupling Band-Master ATS Thread-On Adapter
319A065XO08R GLENAIR-319A065XO08R Datasheet
444Kb / 2P
   Self-Locking Rotatable Coupling
610AS011 GLENAIR-610AS011 Datasheet
22Kb / 1P
   Rotatable Coupling "E" Nut
319A064XO08A GLENAIR-319A064XO08A_08 Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
620-048 GLENAIR-620-048 Datasheet
206Kb / 1P
   Self-Locking Rotatable Coupling
450FA001M08 GLENAIR-450FA001M08 Datasheet
30Kb / 1P
   Connector Designator F Rotatable Coupling
340MS001 GLENAIR-340MS001 Datasheet
206Kb / 1P
   Shorting Cap with Rotatable Coupling
450HA001M08 GLENAIR-450HA001M08 Datasheet
29Kb / 1P
   Connector Designator H Rotatable Coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com