Electronic Components Datasheet Search |
|
360FS001M16 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
360FS001M16 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 36 - Page 2 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 CONNECTOR DESIGNATORS A-F-H-L-S ROTATABLE COUPLING 360 F S 001 M 16 10 M 6 Product Series Connector Designator Angle and Profile A = 90° B = 45° S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, F) Cable Entry (Tables X, XI, XII) Shell Size (Table I) Finish (Table II) 360-001 Non-Environmental Backshell with Strain Relief Low Profile - Rotatable Coupling STYLE 2 (45° - 90° See Note 1) .88 (22.4) Max STYLE 2 (STRAIGHT See Note 1) Cable Range STYLE H Heavy Duty (Table X) STYLE A Medium Duty (Table XI) STYLE M Medium Duty (Table XI) W V Y Y Cable Range X Cable Range T STYLE F Light Duty (Table XII) .416 (10.5) Max Z Cable Range Length ± .060 (1.52) Min. Order Length 2.0 Inch (See Note 4) G (Table III) H (Table III) E (Table III) F (Table III) Now Available with the “NESTOR” Glenair’s Non-Detent, Spring-Loaded, Self- Locking Coupling. Add “-445” to Specify This AS85049 Style “N” Coupling Interface. Length ± .060 (1.52) Min. Order Length 1.5 Inch (See Note 4) A Thread (Table I) C Typ. (Table I) |
Similar Part No. - 360FS001M16 |
|
Similar Description - 360FS001M16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |