Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

319AW136XW12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319AW136XW12
Description  Composite EMI/RFI Shield Sock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AW136XW12 Datasheet(HTML) 2 Page - Glenair, Inc.

  319AW136XW12 Datasheet HTML 1Page - Glenair, Inc. 319AW136XW12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-19
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-136
Composite EMI/RFI Shield Sock
with Shrink Boot Porch and Self-Locking Rotatable Coupling
TABLE IV: ENTRY
Dash
Number
Entry
Diameter
± .03 (0.8)
03
.19 (4.8)
04
.25 (6.4)
05
.31 (7.9)
06
.38 (9.7)
07
.44 (11.2)
08
.50 (12.7)
09
.56 (14.2)
10
.63 (16.0)
11
.69 (17.5)
12
.75 (19.1)
13
.81 (20.6)
14
.88 (22.4)
15
.94 (23.9)
16
1.00 (25.4)
17
1.06 (26.9)
18
1.13 (28.7)
19
1.19 (30.2)
20
1.25 (31.8)
21
1.31 (33.3)
22
1.38 (35.1)
TABLE II: SHELL SIZE
Shell
Size
E
± .06 (1.5)
F
± .09 (2.3)
G
± .09 (2.3)
H
± .06 (1.5)
J
± .09 (2.3)
Max. Entry
Dash Number
(Table III)
A, F
H
08
09
.69 (17.5)
.88 (22.4)
1.19 (30.2)
.72 (18.3)
1.00 (25.4)
04
10
11
.75 (19.1)
1.00 (25.4)
1.25 (31.8)
.75 (19.1)
1.06 (26.9)
06
12
13
.81 (20.6)
1.13 (28.7)
1.31 (33.3)
.75 (19.1)
1.13 (28.7)
08
14
15
.88 (22.4)
1.31 (33.3)
1.38 (35.1)
.76 (19.3)
1.16 (29.5)
10
16
17
.94 (23.9)
1.38 (35.1)
1.44 (36.6)
.78 (19.8)
1.18 (30.0)
12
18
19
.97 (24.6)
1.44 (36.6)
1.47 (37.3)
.79 (20.1)
1.19 (30.2)
13
20
21
1.06 (26.9)
1.63 (41.4)
1.56 (39.6)
.82 (20.8)
1.22 (31.0)
15
22
23
1.13 (28.7)
1.75 (44.5)
1.63 (41.4)
.86 (21.8)
1.26 (32.0)
17
24
25
1.19 (30.2)
1.88 (47.8)
1.69 (42.9)
.89 (22.6)
1.29 (32.8)
19
28
-
1.34 (34.0)
2.13 (54.1)
1.78 (45.2)
.92 (23.4)
1.32 (33.5)
22
TABLE V: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium Olive
Drab Over Electroless Nickel


Similar Part No. - 319AW136XW12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XB08A GLENAIR-319A064XB08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08B GLENAIR-319A064XB08B Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB08R GLENAIR-319A064XB08R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
319A064XB08T GLENAIR-319A064XB08T Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
319A064XB10A GLENAIR-319A064XB10A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results

Similar Description - 319AW136XW12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
   Composite EMI/RFI Single Shield Termination Conduit Fitting
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
   Composite Dual EMI/RFI Shield Termination Conduit Fitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com