Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK75020TL Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK75020TL
Description  ZVS RESONANT CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK75020TL Datasheet(HTML) 1 Page - TOKO, Inc

  TK75020TL Datasheet HTML 1Page - TOKO, Inc TK75020TL Datasheet HTML 2Page - TOKO, Inc TK75020TL Datasheet HTML 3Page - TOKO, Inc TK75020TL Datasheet HTML 4Page - TOKO, Inc TK75020TL Datasheet HTML 5Page - TOKO, Inc TK75020TL Datasheet HTML 6Page - TOKO, Inc TK75020TL Datasheet HTML 7Page - TOKO, Inc TK75020TL Datasheet HTML 8Page - TOKO, Inc TK75020TL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 1999 TOKO, Inc.
Page 1
TK75020
FEATURES
s Optimized for Off-Line and Battery Powered
Operation
s Internal Zero-Voltage Detector
s Soft-Start
s Pulse-by-Pulse Current Limit
s Overdissipation Protection with Soft-Start
s Overvoltage Protection with Soft-Start
s Low-Current Standby mode
s Programmable On/Off Timing
s Enable Control
APPLICATIONS
s Cold Cathode Fluorescent Lamps
s Resonant Power Supplies
s Power Supplies for Notebook Computers
s Power Supplies for Personal Electronics
DESCRIPTION
The TK75020 is a low-cost, high-performance Zero-Voltage
Switching (ZVS) controller IC. The primary applications
are in inverters for Cold Cathode Fluorescent Lamps
(CCFL) and in ZVS quasi-resonant or multi-resonant
converters. The combination of a unique (patent-pending)
control concept and a ZVS resonant inverter generates
low-distortion sine wave for the fluorescent lamp, leading
to extended lamp life and high luminous efficiency. The IC
features all necessary circuits of a controller for such
applications, including externally adjustable timing
parameters (frequency, T
on(min), Toff(max)), current limit,
Soft-Start, enable, error amplifier, and a trimmed reference.
The same reference is used for undervoltage protection
and other critical internal biases. Supply current in the “off”
mode is kept at a minimum level (2
µA typical). Special
care has been taken to avoid undesirable turn-on of the
external power MOSFET when sufficient supply voltage is
not available, or when the device is held in the off mode.
Even with no V
cc applied, the drive pin of the IC will sink in
excess of 20 mA while maintaining the voltage below 1 V
to prevent that leakage currents turn on the power MOSFET.
An internal zero-voltage detector monitors the voltage
across the MOSFET and ensures that the turn-on will only
take place under zero-voltage conditions. A unique
overdissipation protection prevents the overheating of the
power MOSFET in case the zero-voltage switching is lost.
The TK75020 is available in a 14-lead surface mount
package.
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK75020
TK75020
75020
VCC
DRV
GND
OVP
EN
CT
TOFF(MAX)
TON/SS
Vref
CL
ZVD
EAOUT
EAINV
ODP
ZVS RESONANT CONTROLLER


Similar Part No. - TK75020TL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001D TOKO-TK75001D Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG TOKO-TK75001DIMG Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75001DIMG/75001 TOKO-TK75001DIMG/75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75002 TOKO-TK75002 Datasheet
77Kb / 10P
   ERROR SIGNAL ISOLATOR
More results

Similar Description - TK75020TL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1660 STMICROELECTRONICS-AN1660 Datasheet
154Kb / 13P
   ZVS RESONANT CONVERTER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com