Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

319FS134XM22B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 319FS134XM22B
Description  Composite EMI/RFI Ultra Low-Profile Shield Sock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319FS134XM22B Datasheet(HTML) 1 Page - Glenair, Inc.

  319FS134XM22B Datasheet HTML 1Page - Glenair, Inc. 319FS134XM22B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-134
Composite EMI/RFI Ultra Low-Profile Shield Sock
with Shrink Boot Porch and Self Locking Rotatable Coupling
.962
Max
Shrink Sleeve
or Boot Groove
12.00 Min Standard Shield Length.
See Part Number Development
for Optional Length
Optional Ø .125 Drain Holes
3 Minimum, Equally Spaced
Optional Ø .125 Drain Holes
3 Minimum, Equally Spaced
Standard Shield
IAW 107-030 Nickel/Copper
See Table III for Optional Material
G
.065
.025
H
.07
Shrink Sleeve
or Boot Lip
Accomodates
600-057-1 Micro Band
K
J
E
F
Raised Configuration
Manufacturers Option
600-057-1
Band
Accomodates
600-057-1 Micro Band
Finish Symbol
(See Table III)
Connector Designator
F and H
Product Series
319 - EMI/RFI Shield
Sock Assemblies
319 H S 134 XO 16 B R - S 14
Basic Part
Number
Connector
Dash Number
(See Table II)
Custom Braid Length
Specify In Inches
(Omit for Std. 12" Length)
Optional Braid
Material
Omit for Standard
(See Table IV)
Angle and Profile
S - Straight
B - 45° Elbow
A - 90° Elbow
Split Ring / Band Option
Split Ring (687-749) and Band
(600-057-1) supplied with
R option
(Omit for none)
Shrink Boot
For S and B
Angle Only
(Omit for None)
CONNECTOR DESIGNATOR:
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 319FS134XM22B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319FS134XM10P GLENAIR-319FS134XM10P Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM12P GLENAIR-319FS134XM12P Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM14P GLENAIR-319FS134XM14P Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM16P GLENAIR-319FS134XM16P Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XMT08P GLENAIR-319FS134XMT08P Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
More results

Similar Description - 319FS134XM22B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
   Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
   Composite Ultra Low Profile EMI/RFI
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com