Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2842XMKX-ADJL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2842XMKX-ADJL
Description  300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2842XMKX-ADJL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2842XMKX-ADJL Datasheet HTML 5Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 6Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 7Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 8Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 9Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 10Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 11Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 12Page - National Semiconductor (TI) LM2842XMKX-ADJL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
//htmlimg2.alldatasheet.net/htmldatasheet2/296983/NSC/LM2842XMKX-ADJL/606/9/LM2842XMKX-ADJL.png


Similar Part No. - LM2842XMKX-ADJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2842XMKX-ADJL TI1-LM2842XMKX-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2842XMKX-ADJL/NOPB TI1-LM2842XMKX-ADJL/NOPB Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
LM2842XMKX-ADJL/NOPB TI-LM2842XMKX-ADJL/NOPB Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
More results

Similar Description - LM2842XMKX-ADJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2841 TI1-LM2841_13 Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
logo
Shenzhen Huazhimei Semi...
HM2459B HMSEMI-HM2459B Datasheet
873Kb / 13P
   800 mA up to 40V Input Step-Down DC/DC Regulator
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com