Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

327FS060XB10 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 327FS060XB10
Description  Extender Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

327FS060XB10 Datasheet(HTML) 1 Page - Glenair, Inc.

  327FS060XB10 Datasheet HTML 1Page - Glenair, Inc. 327FS060XB10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
327-060
Extender Backshell
with Self-Locking Rotatable Coupling
APPLICATION NOTES
Metric dimensions (mm) are in parentheses and are for reference only.
1.
Available length, straight configuration only, 6 = .750 (19.1), 8 = 1.00 (25.4), consult factory for additional length. Omit length
2.
designator for angular functions.
J Diameter applicable to connector Code H, straight configuration only.
3.
Coupling nut supplied unplated.
4.
See Table I in Intro for front-end dimensional details.
5.
Connector
Designator
A, F, H, G and U
327 A W 060 XM 16 - 6
Connector
Shell Size
(See Table III)
Product Series
327 - Extender Backshell
Basic Part
Number
Angle and Profile
T - 45° Elbow
W - 90° Elbow
S - Straight
Finish Symbol
(See Table II)
Length in 1/8 Inch
Incriments
(ex. 6 = .750")
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
E
F
G
H
A Thread Typ.
Anti-Decoupling Device
A Thread Typ.
A Thread Typ.
Length
(see Note 2)
J (See Note 3)
Note: See Table I in Intro for
Front-End Dimensional Details


Similar Part No. - 327FS060XB10

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
327 WECO-327 Datasheet
167Kb / 1P
   Socket terminal strip Screw connection
01.23
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 327FS060XB10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
320AS002M16 GLENAIR-320AS002M16 Datasheet
71Kb / 1P
   Extender Backshell
320AL001M08 GLENAIR-320AL001M08 Datasheet
75Kb / 1P
   Extender Backshell
IT101393-123 GLENAIR-IT101393-123 Datasheet
456Kb / 2P
   Extender Backshell for Plug Connectors
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
   Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
   Frequency Extender
Rev. A
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
Glenair, Inc.
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com