Electronic Components Datasheet Search |
|
TK71533 Datasheet(PDF) 2 Page - TOKO, Inc |
|
TK71533 Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 13 page Page 2 January 1999 TOKO, Inc. TK715xx ABSOLUTE MAXIMUM RATINGS (V OUT ≥ 5.0 V) Supply Voltage .............................................. -0.4 to 16 V Power Dissipation (Note 1) ................................ 350 mW Reverse Bias .............................................................. 8 V Storage Temperature (Ambient) ............... -55 to +150 °C Operating Temperature (Ambient) .............. -30 to +80 °C Max. Operating Temperature (Junction) ............... 125 °C Operating Voltage Range ............................ 1.8 to 14.0 V Junction Temperature ........................................... 150 °C Lead Soldering Temperature (10 s) ...................... 235 °C TK715xx ELECTRICAL CHARACTERISTICS (V OUT ≥ 5.0 V) Test conditions: T A = 25 °C, unless otherwise specified. Note 1: Power dissipation is 350 mW when mounted as recommended. Derate at 2.8 mW/ °C for operation above 25 °C. Note 2: Refer to “Definition of Terms.” Note 3: Ripple rejection and noise voltage are affected by the value and characteristics of the capacitor used. Note 4: Ripple rejection is measured at V R = 200 mVrms, VIN = VOUT(TYP) + 2 V, IOUT = 10 mA, CL = 4.7 µF, f = 100 Hz. Gen. Note: Parameters with min. or max. values are 100% tested at T A = 25 °C. L O B M Y SR E T E M A R A PS N O I T I D N O C T S E TN I MP Y TX A MS T I N U I Q t n e r r u C t n e c s e i u Q I T U O V , A m 0 = T U O ≤ V 0 . 45 25 4A µ I T U O V , A m 0 = T U O ≥ V 1 . 40 30 5A µ I D N G t n e r r u C d n u o r GI T U O A m 0 5 =4 . 15 . 2A m V T U O e g a t l o V t u p t u OI T U O A m 0 1 =1 e l b a T e e SV g e R e n i Ln o i t a l u g e R e n i L V N I V = ) P Y T ( T U O o t V 1 + V ) P Y T ( T U O V 6 + 0 . 10 1V m g e R d a o Ln o i t a l u g e R d a o L I T U O ) 2 e t o N ( , A m 0 5 o t 5 =0 10 3V m I T U O ) 2 e t o N ( , A m 0 0 1 o t 5 =0 20 5V m V P O R D e g a t l o V t u o p o r D I T U O A m 0 5 =5 0 1 . 00 8 1 0 .V I T U O V , A m 0 0 1 = T U O ≥ V 4 . 25 8 1 . 00 8 2 . 0V I T U O V , A m 0 0 1 = T U O V 4 . 2 <5 8 1 . 00 3 3 . 0V I T U O t n e r r u C t u p t u O s u o u n i t n o C 0 0 1A m R Rn o i t c e j e R e l p p i R) 4 , 3 s e t o N (4 6B d ∆V T U O / ∆T t n e i c i f f e o C e r u t a r e p m e TI T U O A m 0 1 =5 3C ° / m p p |
Similar Part No. - TK71533 |
|
Similar Description - TK71533 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |