Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVM5J430 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TVM5J430
Description  Ceramic Housed Power Resistors with Standoffs RoHS Compliant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TVM5J430 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TVM5J430 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
S T A N D A R D P A R T N U M B E R S F O R S T A N D A R D R E S I S T A N C E V A L U E S
0.1
TVW5JR10 TVW7JR10 TVW10JR10
0.15 5JR15
7JR15
10JR15
0.2
5JR20
7JR20
10JR20
0.27 5JR27
7JR27
10JR27
0.3
5JR30
7JR30
10JR30
0.33 5JR33
7JR33
10JR33
0.39 5JR39
7JR39
10JR39
0.43 5JR43
7JR43
10JR43
0.47 5JR47
7JR47
10JR47
0.56 5JR56
7JR56
10JR56
0.68 5JR68
7JR68
10JR68
0.75 5JR75
7JR75
10JR75
0.82 5JR82
7JR82
10JR82
1
5J1R0
7J1R0
10J1R0
TVW20J1R0
1.5
5J1R5
7J1R5
10J1R5
20J1R5
2
5J2R0
7J2R0
10J2R0
20J2R0
2.7
5J2R7
7J2R7
10J2R7
20J2R7
3
5J3R0
7J3R0
10J3R0
20J3R0
3.3
5J3R3
7J3R3
10J3R3
20J3R3
3.9
5J3R9
7J3R9
10J3R9
20J3R9
4.3
5J4R3
7J4R3
10J4R3
20J4R3
4.7
5J4R7
7J4R7
10J4R7
20J4R7
TVW/TVM Series
Ceramic Housed Power Resistors
with Standoffs
RoHS Compliant
F E A T U R E S
• Economical Commercial Grade
for general purpose use
• Wirewound and Metal Oxide
construction
• Wide resistance range
• Flameproof inorganic construc-
tion
Dimensions (in. / mm)
Length (L) Height (H) Width (W)
Series Wattage
Ohms
(± 1mm)
(± 1mm)
(± 2mm) Voltage
TVW5
5
0.10 -100
0.98 / 25
0.354 / 9
0.394 / 10
350
TVW7
7
0.10 - 560
1.38 / 35
0.354 / 9
0.394 / 10
500
TVW10
10
0.10 - 820
1.89 / 48
0.354 / 9
0.394 / 10
750
TVW20
20
1.0 - 1000
2.48 / 63
0.551 / 14
0.551 / 14
1000
TVM5
5
150 - 50K
0.98 / 25
0.354 / 9
0.394 / 10
350
TVM7
7
680 - 50K
1.38 / 35
0.354 / 9
0.394 / 10
500
TVM10
10
1000 - 50K 1.89 / 48
0.354 / 9
0.394 / 10
750
L
W
P
.016"
(0.4mm)
P2
P1
H
H2
H1
Ohms
5 Watt
7 Watt
10 Watt
20 Watt
5.6
TVW5J5R6 TVW7J5R6 TVW10J5R6 TVW20J5R6
6.8
5J6R8
7J6R8
10J6R8
20J6R8
7.5
5J7R5
7J7R5
10J7R5
20J7R5
8.2
5J8R2
7J8R2
10J8R2
20J8R2
10
5J10R
7J10R
10J10R
20J10R
15
5J15R
7J15R
10J15R
20J15R
20
5J20R
7J20R
10J20R
20J20R
27
5J27R
7J27R
10J27R
20J27R
30
5J30R
7J30R
10J30R
20J30R
33
5J33R
7J33R
10J33R
20J33R
39
5J39R
7J39R
10J39R
20J39R
43
5J43R
7J43R
10J43R
20J43R
47
5J47R
7J47R
10J47R
20J47R
56
5J56R
7J56R
10J56R
20J56R
68
5J68R
7J68R
10J68R
20J68R
75
5J75R
7J75R
10J75R
20J75R
82
5J82R
7J82R
10J82R
20J82R
100
5J100
7J100
10J100
20J100
150
TVM5J150
7J150
10J150
20J150
200
5J200
7J200
10J200
20J200
270
5J270
7J270
10J270
20J270
300
5J300
7J300
10J300
20J300
330
TVM5J330
TVW7J330
TVW10J330 TVW20J330
390
5J390
7J390
10J390
20J390
430
5J430
7J430
10J430
20J430
470
5J470
7J470
10J470
20J470
560
5J560
7J560
10J560
20J560
680
5J680
TVM7J680
10J680
20J680
750
5J750
7J750
10J750
20J750
820
5J820
7J820
10J820
20J820
1,000
5J1K0
7J1K0
TVM10J1K0
20J1K0
1,500
5J1K5
7J1K5
10J1K5
2,000
5J2K0
7J2K0
10J2K0
2,700
5J2K7
7J2K7
10J2K7
3,000
5J3K0
7J3K0
10J3K0
3,300
5J3K3
7J3K3
10J3K3
3,900
5J3K9
7J3K9
10J3K9
4,300
5J4K3
7J4K3
10J4K3
4,700
5J4K7
7J4K7
10J4K7
5,600
5J5K6
7J5K6
10J5K6
6,800
5J6K8
7J6K8
10J6K8
7,500
5J7K5
7J7K5
10J7K5
8,200
5J8K2
7J8K2
10J8K2
10,000
5J10K
7J10K
10J10K
Ohms
5 Watt
7 Watt
10 Watt
20 Watt
Ohms
5 Watt
7 Watt
10 Watt
20 Watt
S P E C I F I C A T I O N S
Material
Housing: Ceramic
Core: Fiberglass or metal oxide
Filling: Cement based
Electrical
Tolerance: 5% standard
Temperature coeff.:
0.01-20Ω ±400ppm/°C
22-10Ω ±350ppm/°C
Dielectric withstanding voltage:
1,000VAC
Short time overload
TVW: 10x rated power for 5 sec.
TVM: 5x rated power for 5 sec.
Series
Dim. P
Dim. P1
Dim. P2
Dim. H1
Dim. H2
TVW5 0.374 / 9.5
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
TVW7 0.867 / 22
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
TVW10 1.26 / 32
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
TVW20 1.77 / 45
0.197 / 5 0.051 / 1.3 0.413 / 10.5 1.161 / 29.5
TVM5 0.374 / 9.5
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
TVM7 0.867 / 22
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
TVM10 1.26 / 32
0.197 / 5 0.051 / 1.3 0.413 / 10.5
0.984 / 25
D E R A T I N G C U R V E
D I M E N S I O N S (in./mm)
100
Ambient Temperature,
°C
60
20
0
275
80
40
100
200
250
70
150


Similar Part No. - TVM5J430

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TVM5 OHMITE-TVM5 Datasheet
116Kb / 1P
   Economical Commercial Grade
TVM5 OHMITE-TVM5 Datasheet
116Kb / 1P
   Wide resistance range
More results

Similar Description - TVM5J430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
Token Electronics Indus...
SQP5W100RJ TOKEN-SQP5W100RJ Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
logo
Tyco Electronics
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
   Aluminium Housed Power Resistors
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com