Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

370LR023C08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 370LR023C08
Description  Submersible Split Shell Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370LR023C08 Datasheet(HTML) 1 Page - Glenair, Inc.

  370LR023C08 Datasheet HTML 1Page - Glenair, Inc. 370LR023C08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 24
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
H (Table III)
or
N (Table IV)
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
G (Table III)
or
M (Table IV)
E (Table III)
or
K (Table IV)
F (Table III)
or
L (Table IV)
C Typ
(Table I)
A Thread
(Table I)
370 F P 023 M 16 10 H
Product Series
Connector Designator
Angle and Profile
P = 45°
R = 90°
Basic Part No.
Strain Relief Style (H, A, M, D)
Cable Entry (Tables X, XI)
Shell Size (Table I)
Finish (Table II)
D (Table III)
or
J (Table IV)
O-Ring
Cable
Range
STYLE H
Heavy Duty
(Table X)
STYLE A
Medium Duty
(Table XI)
STYLE D
Medium Duty
(Table XI)
STYLE M
Medium Duty
(Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
Use Table IV data
when C diameter
exceeds D diameter.
370-023
Submersible Split Shell Cable Sealing Backshell
with Strain Relief
Low Profile - Rotatable Coupling


Similar Part No. - 370LR023C08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370LR024B08 GLENAIR-370LR024B08 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
370LR024B10 GLENAIR-370LR024B10 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
370LR024B12 GLENAIR-370LR024B12 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
370LR024B14 GLENAIR-370LR024B14 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
370LR024B16 GLENAIR-370LR024B16 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
More results

Similar Description - 370LR023C08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AP024NF08 GLENAIR-370AP024NF08 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
443FM009NF08 GLENAIR-443FM009NF08 Datasheet
102Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AH058M08 GLENAIR-390AH058M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
443AH009NF08 GLENAIR-443AH009NF08 Datasheet
127Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com