Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LH007M08 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380LH007M08
Description  EMI/RFI Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380LH007M08 Datasheet(HTML) 2 Page - Glenair, Inc.

  380LH007M08 Datasheet HTML 1Page - Glenair, Inc. 380LH007M08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 35
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Cable Range
Dash
No.
01
02
03
04
05
06
07
08
09
10
L
Max
.593 (15.1)
.718 (18.2)
.843 (21.4)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
Cable Entry
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
See inside back cover fold-out or
pages 13 and 14 for unabridged
Tables I and II.
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied.
Dimensions E, F, G and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
4. -445 "NESTOR" modification not available for MIL-DTL-38999 Series II.
Dash
No.
01
02
03
04
05
06
07
08
09
10
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
K
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
TABLE V: CABLE ENTRY
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE IV: CABLE ENTRY
TABLE: STANDARD FINISHES
See Inside Back Cover
for Additional Finish Options
GLENAIR
SYMBOL
B
M
NF
FINISH
Cadmium Plate, Olive Drab
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
380-007
EMI/RFI Non-Environmental Backshell
Light-Duty with Strain Relief
Type C - Rotatable Coupling - Standard Profile
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
28
36
40
61
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
1.041 (26.4)
1.138 (28.9)
1.184 (30.1)
.917 (23.3)
F
Max
1.100 (27.9)
1.130 (28.7)
1.150 (29.2)
1.180 (30.0)
1.200 (30.5)
1.210 (30.7)
1.230 (31.2)
1.270 (32.3)
1.300 (33.0)
1.470 (37.3)
1.560 (39.6)
1.600 (40.6)
1.330 (33.8)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
1.480 (37.6)
1.720 (43.7)
1.830 (46.5)
1.320 (33.6)
H
Max
1.210 (30.7)
1.270 (32.3)
1.330 (33.8)
1.400 (35.6)
1.460 (37.1)
1.480 (37.6)
1.540 (39.1)
1.620 (41.1)
1.690 (42.9)
1.930 (49.0)
2.130 (54.1)
2.240 (56.9)
1.690 (42.9)
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.


Similar Part No. - 380LH007M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380LH008B08 GLENAIR-380LH008B08 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LH008B10 GLENAIR-380LH008B10 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LH008B12 GLENAIR-380LH008B12 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LH008B14 GLENAIR-380LH008B14 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LH008B16 GLENAIR-380LH008B16 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
More results

Similar Description - 380LH007M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-36-8N01 GLENAIR-M85049-36-8N01 Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshell
380-107 GLENAIR-380-107 Datasheet
235Kb / 2P
   EMI/RFI Non-Environmental Backshell
380-115 GLENAIR-380-115 Datasheet
204Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AC019B08 GLENAIR-380AC019B08 Datasheet
142Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com