Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380FS008B08 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380FS008B08
Description  EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380FS008B08 Datasheet(HTML) 2 Page - Glenair, Inc.

  380FS008B08 Datasheet HTML 1Page - Glenair, Inc. 380FS008B08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 39
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Cable Range
Dash
No.
01
02
03
04
05
06
07
08
09
10
L
Max
.593 (15.1)
.718 (18.2)
.843 (21.4)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
Cable Entry
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Dash
No.
01
02
03
04
05
06
07
08
09
10
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
K
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
TABLE VI: CABLE ENTRY
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE V: CABLE ENTRY
See inside back cover fold-out
or pages 13 and 14 for un-
abridged Tables I and II.
1. When maximum cable entry (page 22) is
exceeded, Style 2 will be supplied. (Function
S only).
2. Metric dimensions (mm) are indicated in
parentheses.
3. Cable range is defined as the accommoda-
tions range for the wire bundle or cable.
Dimensions shown are not intended for
inspection criteria.
4. Consult factory for shorter lengths on straight
backshells.
5. When using Connector Designator B refer to
pages 18 and 19 for part number develop-
ment.
TABLE II: STANDARD FINISHES
See Inside Back Cover
for Additional Finish Options
GLENAIR
SYMBOL
B
M
NF
FINISH
Cadmium Plate, Olive Drab
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
TABLE IV: ELBOW DIMENSIONS
G
Max
.636 (16.2)
.636 (16.2)
.709 (18.0)
.734 (18.6)
.825 (21.0)
.990 (25.1)
1.090 (27.7)
1.325 (33.7)
1.325 (33.7)
1.325 (33.7)
H
Max
1.781 (45.2)
1.781 (45.2)
1.901 (48.3)
1.921 (48.8)
1.991 (50.6)
2.081 (52.9)
2.251 (57.2)
2.361 (60.0)
2.361 (60.0)
2.361 (60.0)
F
Max
1.680 (42.7)
1.680 (42.7)
1.740 (44.2)
1.800 (45.7)
2.000 (50.8)
2.190 (55.6)
2.190 (55.6)
2.340 (59.4)
2.340 (59.4)
2.390 (60.7)
E
Max
.457 (11.6)
.457 (11.6)
.520 (13.2)
.582 (14.8)
.738 (18.7)
.926 (23.5)
.926 (23.5)
1.020 (25.9)
1.020 (25.9)
1.145 (29.1)
Elbow
Size
01
02
03
04
05
06
07
08
09
10
380-008
EMI/RFI Non-Environmental Backshell
Light-Duty with Strain Relief
Type C - Direct Coupling - Low Profile
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)


Similar Part No. - 380FS008B08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FS001B08 GLENAIR-380FS001B08 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FS001B10 GLENAIR-380FS001B10 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FS001B12 GLENAIR-380FS001B12 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FS001B14 GLENAIR-380FS001B14 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FS001B16 GLENAIR-380FS001B16 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380FS008B08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AH008B08 GLENAIR-380AH008B08 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AC007B08 GLENAIR-380AC007B08 Datasheet
131Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM106B08 GLENAIR-380AM106B08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AD106B08 GLENAIR-380AD106B08 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AH106B08 GLENAIR-380AH106B08 Datasheet
48Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM007B08 GLENAIR-380AM007B08 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com